Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM50AM24SC Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTM50AM24SC
Description  Phase leg Series & parallel diodes MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50AM24SC Datasheet(HTML) 2 Page - Advanced Power Technology

  APTM50AM24SC Datasheet HTML 1Page - Advanced Power Technology APTM50AM24SC Datasheet HTML 2Page - Advanced Power Technology APTM50AM24SC Datasheet HTML 3Page - Advanced Power Technology APTM50AM24SC Datasheet HTML 4Page - Advanced Power Technology APTM50AM24SC Datasheet HTML 5Page - Advanced Power Technology APTM50AM24SC Datasheet HTML 6Page - Advanced Power Technology APTM50AM24SC Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APTM50AM24SC
APT website – http://www.advancedpower.com
2 – 7
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
BVDSS
Drain - Source Breakdown Voltage
VGS = 0V, ID = 1.5mA
500
V
VGS = 0V,VDS = 500V
Tj = 25°C
500
µA
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 400V
Tj = 125°C
3
mA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 75A
24
m
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 6mA
3
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±500
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
19.6
Coss
Output Capacitance
4.2
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
0.3
nF
Qg
Total gate Charge
434
Qgs
Gate – Source Charge
120
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 250V
ID = 150A
216
nC
Td(on)
Turn-on Delay Time
10
Tr
Rise Time
17
Td(off)
Turn-off Delay Time
50
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 333V
ID = 150A
RG = 0.8Ω
41
ns
SiC Parallel diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
400
1600
IRRM
Maximum Reverse Leakage Current
VR=600V
Tj = 125°C
800
8000
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 125°C
80
A
Tj = 25°C
1.6
1.8
VF
Diode Forward Voltage
IF = 80A
Tj = 175°C
2.0
2.4
V
QC
Total Capacitive Charge
IF = 80A, VR = 300V
di/dt =2000A/µs
112
nC
f = 1MHz, VR = 200V
520
Q
Total Capacitance
f = 1MHz, VR = 400V
400
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com