Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP320SC Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # TSP320SC
Description  SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSP320SC Datasheet(HTML) 6 Page - Pan Jit International Inc.

  TSP320SC Datasheet HTML 1Page - Pan Jit International Inc. TSP320SC Datasheet HTML 2Page - Pan Jit International Inc. TSP320SC Datasheet HTML 3Page - Pan Jit International Inc. TSP320SC Datasheet HTML 4Page - Pan Jit International Inc. TSP320SC Datasheet HTML 5Page - Pan Jit International Inc. TSP320SC Datasheet HTML 6Page - Pan Jit International Inc. TSP320SC Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PAGE 6
Ver: June 2001
TSP058SC - TSP320SC
PanJit logo
Last digit of calendar year
Y-
Month
M-
1st Line:
PJ YM
058C
PJ-
2nd line: Marking code
DEVICE MARKING CODE
r
e
b
m
u
N
t
r
a
P
e
d
o
C
g
n
i
k
r
a
M
C
S
8
5
0
P
S
T
C
8
5
0
C
S
5
6
0
P
S
TC
5
6
0
C
S
5
7
0
P
S
T
C
5
7
0
C
S
0
9
0
P
S
TC
0
9
0
C
S
0
2
1
P
S
T
C
0
2
1
C
S
0
4
1
P
S
TC
0
4
1
C
S
0
6
1
P
S
T
C
0
6
1
C
S
0
9
1
P
S
TC
0
9
1
C
S
0
2
2
P
S
T
C
0
2
2
C
S
5
7
2
P
S
TC
5
7
2
C
S
0
2
3
P
S
T
C
0
2
3
ORDER & PACKING INFORMATION
e
c
i
v
e
D
g
n
i
k
c
a
P
y
t
'
Q
r
e
d
r
O
.
n
i
M
s
A
r
e
d
r
O
k
r
a
m
e
R
C
S
x
x
x
P
S
T
l
e
e
R
&
e
p
a
T
"
3
1s
c
p
0
0
0
,
3C
S
x
x
x
P
S
Tg
n
i
k
c
a
P
d
r
a
d
n
a
t
S
l
e
e
R
&
e
p
a
T
"
7
s
c
p
0
0
5
7
-
C
S
x
x
x
P
S
T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com