Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120TDU57P Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM120TDU57P
Description  Triple dual common source MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM120TDU57P Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM120TDU57P Datasheet HTML 1Page - Advanced Power Technology APTM120TDU57P Datasheet HTML 2Page - Advanced Power Technology APTM120TDU57P Datasheet HTML 3Page - Advanced Power Technology APTM120TDU57P Datasheet HTML 4Page - Advanced Power Technology APTM120TDU57P Datasheet HTML 5Page - Advanced Power Technology APTM120TDU57P Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM120TDU57P
APT website – http://www.advancedpower.com
1 – 6
S3/S4
G5
D5
S5
S5/S6
S1
D1
G1
S1/S2
S3
D3
G3
D6
S6
G6
D2
G2
S2
D4
S4
G4
G5
G6
S6
S5
G3
D 3
D 5
S3/S4
G4
S4
D 6
D 4
S3
D 1
S5/S6
S2
G2
S1
G1
D 2
S1/S2
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
17
ID
Continuous Drain Current
Tc = 80°C
13
IDM
Pulsed Drain current
68
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
570
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
390
W
IAR
Avalanche current (repetitive and non repetitive)
22
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 1200V
RDSon = 570mΩ max @ Tj = 25°C
ID = 17A @ Tc = 25°C
Application
•
AC Switches
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
Features
•
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Very low (12mm) profile
•
Each leg can be easily paralleled to achieve a dual
common source configuration of three times the
current capability
Triple dual common source
MOSFET Power Module


Similar Part No. - APTM120TDU57P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM120TDU57PG MICROSEMI-APTM120TDU57PG Datasheet
296Kb / 6P
Triple dual common source MOSFET Power Module
More results

Similar Description - APTM120TDU57P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM08TDUM04P ADPOW-APTM08TDUM04P Datasheet
308Kb / 6P
Triple dual common source MOSFET Power Module
APTM20TDUM16P ADPOW-APTM20TDUM16P Datasheet
313Kb / 6P
Triple dual common source MOSFET Power Module
APTM50TDUM65P ADPOW-APTM50TDUM65P Datasheet
316Kb / 6P
Triple dual common source MOSFET Power Module
APTM100TDU35P ADPOW-APTM100TDU35P Datasheet
316Kb / 6P
Triple dual common source MOSFET Power Module
logo
Microsemi Corporation
APTM08TDUM04PG MICROSEMI-APTM08TDUM04PG Datasheet
283Kb / 6P
Triple dual common source MOSFET Power Module
APTM10TDUM09PG MICROSEMI-APTM10TDUM09PG Datasheet
286Kb / 6P
Triple dual common source MOSFET Power Module
APTM10TDUM19PG MICROSEMI-APTM10TDUM19PG Datasheet
287Kb / 7P
Triple dual common source MOSFET Power Module
APTM20TDUM16PG MICROSEMI-APTM20TDUM16PG Datasheet
295Kb / 8P
Triple dual common source MOSFET Power Module
APTM100TDU35PG MICROSEMI-APTM100TDU35PG Datasheet
291Kb / 6P
Triple dual common source MOSFET Power Module
APTM120TDU57PG MICROSEMI-APTM120TDU57PG Datasheet
296Kb / 6P
Triple dual common source MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com