Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120U10SA Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM120U10SA
Description  Single switch Series & parallel diodes MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM120U10SA Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM120U10SA Datasheet HTML 1Page - Advanced Power Technology APTM120U10SA Datasheet HTML 2Page - Advanced Power Technology APTM120U10SA Datasheet HTML 3Page - Advanced Power Technology APTM120U10SA Datasheet HTML 4Page - Advanced Power Technology APTM120U10SA Datasheet HTML 5Page - Advanced Power Technology APTM120U10SA Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM120U10SA
APT website – http://www.advancedpower.com
1 – 6
D
Q1
G
S
CR1
SK
D
S
G
SK
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
116
ID
Continuous Drain Current
Tc = 80°C
86
IDM
Pulsed Drain current
464
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
120
m
PD
Maximum Power Dissipation
Tc = 25°C
3290
W
IAR
Avalanche current (repetitive and non repetitive)
24
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3200
mJ
VDSS = 1200V
RDSon = 100mΩ typ @ Tj = 25°C
ID = 116A @ Tc = 25°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
AlN substrate for MOSFET improved thermal
performance
Benefits
Outstanding performance at
high frequency
operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Low profile
Single switch
Series & parallel diodes
MOSFET Power Module


Similar Part No. - APTM120U10SA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM120U10SAG MICROSEMI-APTM120U10SAG Datasheet
269Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM120U10SA

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20UM05S ADPOW-APTM20UM05S Datasheet
287Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM20UM09S ADPOW-APTM20UM09S Datasheet
285Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM50UM19S ADPOW-APTM50UM19S Datasheet
287Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM20UM04S-ALN ADPOW-APTM20UM04S-ALN Datasheet
302Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM50UM13S-ALN ADPOW-APTM50UM13S-ALN Datasheet
301Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM50UM25S ADPOW-APTM50UM25S Datasheet
284Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
APTM100U13S ADPOW-APTM100U13S Datasheet
286Kb / 5P
Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65S-ALN ADPOW-APTM100UM65S-ALN Datasheet
311Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50UM13SAG MICROSEMI-APTM50UM13SAG Datasheet
270Kb / 7P
Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65SAG MICROSEMI-APTM100UM65SAG Datasheet
278Kb / 6P
Single switch Series & parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com