Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0910-300M Datasheet(PDF) 2 Page - Advanced Power Technology

Part # 0910-300M
Description  300 Watts - 50 Volts, 150us, 5% Radar 890 - 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

0910-300M Datasheet(HTML) 2 Page - Advanced Power Technology

  0910-300M Datasheet HTML 1Page - Advanced Power Technology 0910-300M Datasheet HTML 2Page - Advanced Power Technology 0910-300M Datasheet HTML 3Page - Advanced Power Technology 0910-300M Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0910-300M
ADVANCED POWER TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. TO VERIFY THE CURRENT
VERSION PLEASE CHECK OUR WEB SITE
AT WWW. ADVANCEDPOWER.COM OR CONTACT OUR FACTORY DIRECT.
Advanced Power Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 /869-2324
Performance Curves
Pin vs. Pout
0
30
60
90
120
150
180
210
240
270
300
330
360
390
420
450
480
37
38
39
40
41
42
43
44
45
46
47
Pin (dBm)
890 MHz
937 MHz
1000 MHz
Pin vs. Gain
0
1
2
3
4
5
6
7
8
9
10
11
12
37
38
39
40
41
42
43
44
45
46
47
Pin (dBm)
890 MHz
937 MHz
1000 MHz
Pin vs. Efficiency
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
37
38
39
40
41
42
43
44
45
46
47
Pin (dBm)
890 MHz
937 MHz
1000 MHz
Impedance Information
Output
Matching
Circuit
Input
Matching
Circuit
50 Ohms
50 Ohms
ZSource
ZLoad
Frequencies (MHz)
)
(
Ω
Source
Z
)
(
Ω
Load
Z
2
890
1.828 – j3.921
1.636-j2.494
937
1.895 – j3.67
1.745 – j2.406
1000
2.015 – j3.408
1.911 – j2.387
Note 2:
Load
Z
exclusive of bias circuit
0910– 300M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com