Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTV005P Datasheet(PDF) 1 Page - Advanced Power Technology

Part # UTV005P
Description  0.5 Watts, 20 Volts, Class A UHF Television - Band IV & V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

UTV005P Datasheet(HTML) 1 Page - Advanced Power Technology

  UTV005P Datasheet HTML 1Page - Advanced Power Technology UTV005P Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTV005P
0.5 Watts, 20 Volts, Class A
UHF Television - Band IV & V
GENERAL DESCRIPTION
The UTV005P is a COMMON EMITTER transistor capable of providing 0.5
Watts Peak, Class A, RF Output Power over the band 470 - 860 MHz. Gold
Metalization and Diffused Ballasting are used to provide high reliability and
supreme ruggedness.
CASE OUTLINE
55FU-1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @ 25
°C
8 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
45 V
Emitter to Base Voltage (BVebo)
4.0 V
Collector to Emitter Voltage (BVceo)
3.5 V
Collector Current (Ic)
750 mA
Maximum Temperatures
Storage Temperature
-65 to +150
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX UNITS
Pout
Power Output – Peak synch
F = 470-860 MHz
0.5
W
Pin
Power Input
Vcc = 20 Volts
50
mW
Pg
Power Gain
Ic = 220 mA
11
dB
IMD
Intermodulation Distortion
-60
dBc
VSWR
Load Mismatch Tolerance
Pref = 0.5 W
F = 860 MHz
10:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVceo
Emitter to Base Breakdown
Ie = 20 mA
24
V
BVces
Collector to Emitter Breakdown Ic = 10 mA
45
V
BVebo
Emitter to Base Breakdown
Ie = 1 mA
3.5
V
hFE
DC – Current Gain
Vce = 5V, Ic = 100 mA
20
Cob
Capacitance
5.0
pF
θjc1
Thermal Resistance
22
°C/W
Note 1: F1=860 MHz, F2=863.5 MHz, F3=864.5 MHz
European test method, Vision = - 8dB, Sideband= - 16dB, Sound = -7 dB
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. TO VERIFY THE CURRENT VERSION
PLEASE CHECK OUR WEB SITE AT
WWW.GHZ.COM OR CONTACT OUR FACTORY DIRECTLY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120


Similar Part No. - UTV005P

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
UTV005 ASI-UTV005 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
GHz Technology
UTV005 GHZTECH-UTV005 Datasheet
383Kb / 3P
COMMON EMITTER transistor 0.5 Watt, 20 Volts, Class A UHF Television - Band IV & V
More results

Similar Description - UTV005P

ManufacturerPart #DatasheetDescription
logo
GHz Technology
UTV020 GHZTECH-UTV020 Datasheet
292Kb / 2P
2 Watts, 25 Volts, Class A UHF Television - Band IV & V
UTV8100B GHZTECH-UTV8100B Datasheet
304Kb / 3P
100 Watts Pk, 28 Volt, Class AB UHF Television - Band IV & V
UTV010 GHZTECH-UTV010 Datasheet
314Kb / 3P
1 Watt, 20 Volts, Class A UHF Television - Band IV & V
UTV040 GHZTECH-UTV040 Datasheet
282Kb / 2P
4 Watts, 25 Volts, Class A UHF Television - Band IV & V
UTV080 GHZTECH-UTV080 Datasheet
178Kb / 2P
8 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
UTV100B GHZTECH-UTV100B Datasheet
234Kb / 2P
100 Watts Pk, 28 Volt, Class AB UHF Television - Band IV & V
UTV120 GHZTECH-UTV120 Datasheet
265Kb / 3P
12 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
UTV005 GHZTECH-UTV005 Datasheet
383Kb / 3P
COMMON EMITTER transistor 0.5 Watt, 20 Volts, Class A UHF Television - Band IV & V
UTV200 GHZTECH-UTV200 Datasheet
265Kb / 3P
COMMON EMITTER transistor 20 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
logo
New Jersey Semi-Conduct...
UTV040 NJSEMI-UTV040 Datasheet
86Kb / 1P
4 Watts, 25 Volts, Class A UHF Television - Band IV & V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com