Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2249/19C Datasheet(PDF) 1 Page - Alpha Wire

Part # 2249/19C
Description  Customer SpecificationS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2249/19C Datasheet(HTML) 1 Page - Alpha Wire

  2249/19C Datasheet HTML 1Page - Alpha Wire 2249/19C Datasheet HTML 2Page - Alpha Wire 2249/19C Datasheet HTML 3Page - Alpha Wire 2249/19C Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 2249/19C
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
19 X 1 PAIR
a) Conductor
18 (16/30) AWG Tinned Copper
0.047
b) Insulation
0.016" Wall, Nom. PVC
0.079
(1) Color Code
Alpha Wire Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
8
RED-GREEN
15
GREEN-WHITE
2
BLACK-WHITE
9
RED-WHITE
16
GREEN-BROWN
3
BLACK-GREEN
10
RED-BLUE
17
GREEN-
ORANGE
4
BLACK-BLUE
11
RED-YELLOW
18
GREEN-
YELLOW
5
BLACK-BROWN
12
RED-BROWN
19
WHITE-BLUE
6
BLACK-YELLOW 13
RED-ORANGE
7
BLACK-
ORANGE
14
GREEN-BLUE
c) Pair
2/Cond Cabled Together
(1) Twists:
5.3 Twists/foot (min)
2) Cable Assembly
19 Components Cabled
a) Twists:
1.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction
Foil Facing Out
b) Drain Wire
20 (10/30) AWG Tinned Copper
4) Jacket
0.070" Wall, Nom.,PVC
0.792 (0.822 Max.)
a) Color(s)
SLATE


Similar Part No. - 2249/19C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2249/12C ALPHAWIRE-2249/12C Datasheet
98Kb / 4P
Customer SpecificationS
12/2/2022
More results

Similar Description - 2249/19C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com