Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5129/19C Datasheet(PDF) 1 Page - Alpha Wire

Part # 5129/19C
Description  Customer SpecificationS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5129/19C Datasheet(HTML) 1 Page - Alpha Wire

  5129/19C Datasheet HTML 1Page - Alpha Wire 5129/19C Datasheet HTML 2Page - Alpha Wire 5129/19C Datasheet HTML 3Page - Alpha Wire 5129/19C Datasheet HTML 4Page - Alpha Wire 5129/19C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Customer Specification
PART NO. 5129/19C
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
19 X 1 PAIR
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.050
(1) Color Code
Alpha Wire Color Code B
Pair
Color
Pair
Color
Pair
Color
1
WHITE-BLACK
8
WHITE-VIOLET
15
BLACK-BLUE
2
WHITE-BROWN
9
WHITE-SLATE
16
BLACK-VIOLET
3
WHITE-RED
10
BLACK-BROWN 17
BLACK-SLATE
4
WHITE-ORANGE 11
BLACK-RED
18
BROWN-RED
5
WHITE-YELLOW 12
BLACK-
ORANGE
19
BROWN-
ORANGE
6
WHITE-GREEN
13
BLACK-YELLOW
7
WHITE-BLUE
14
BLACK-GREEN
c) Pair
2/Cond Cabled Together
(1) Twists:
8.0 Twists/foot (min)
2) Cable Assembly
19 Components Cabled
a) Twists:
2.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield:
A/P/A Tape, 20% Overlap, Min.
a) Drain Wire
22 (7/30) AWG Tinned Copper
b) Braid
Tinned Copper,70% Coverage, Nom.
4) Jacket
0.032" Wall, Nom.,PVC
0.507 (0.532 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White


Similar Part No. - 5129/19C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5129/11C ALPHAWIRE-5129/11C Datasheet
101Kb / 5P
Customer Specification
8/29/2022
5129/11C ALPHAWIRE-5129/11C Datasheet
99Kb / 5P
Customer Specification
12/1/2022
5129/15C ALPHAWIRE-5129/15C Datasheet
413Kb / 5P
22 (7/30) AWG Tinned Copper
More results

Similar Description - 5129/19C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com