Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5299/19C Datasheet(PDF) 1 Page - Alpha Wire

Part # 5299/19C
Description  Customer SpecificationS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5299/19C Datasheet(HTML) 1 Page - Alpha Wire

  5299/19C Datasheet HTML 1Page - Alpha Wire 5299/19C Datasheet HTML 2Page - Alpha Wire 5299/19C Datasheet HTML 3Page - Alpha Wire 5299/19C Datasheet HTML 4Page - Alpha Wire 5299/19C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Customer Specification
PART NO. 5299/19C
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
19 X 1 PAIR
a) Conductor
20 (7/28) AWG Tinned Copper
0.038
b) Insulation
0.016" Wall, Nom. PVC
0.070
(1) Color Code
Alpha Wire Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
8
RED-GREEN
15
GREEN-WHITE
2
BLACK-WHITE
9
RED-WHITE
16
GREEN-BROWN
3
BLACK-GREEN
10
RED-BLUE
17
GREEN-
ORANGE
4
BLACK-BLUE
11
RED-YELLOW
18
GREEN-
YELLOW
5
BLACK-BROWN
12
RED-BROWN
19
WHITE-BLUE
6
BLACK-YELLOW 13
RED-ORANGE
7
BLACK-
ORANGE
14
GREEN-BLUE
c) Pair
2/Cond Cabled Together
(1) Twists:
6.0 Twists/foot (min)
2) Cable Assembly
19 Components Cabled
a) Twists:
1.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield:
A/P/A Tape, 20% Overlap, Min.
a) Drain Wire
20 (7/28) AWG Tinned Copper
b) Braid
Tinned Copper,70% Coverage, Nom.


Similar Part No. - 5299/19C

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5299 POMONA-5299 Datasheet
40Kb / 1P
Adapter 3 Lug Triaxial (F) To BNC (M)
logo
List of Unclassifed Man...
5299 ETC2-5299 Datasheet
91Kb / 1P
SMA MALE TO FEMALE STRAIGHT ADAPTER
logo
Aavid, Thermal Division...
529901B02500G AAVID-529901B02500G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
529901B02500G AAVID-529901B02500G Datasheet
8Mb / 116P
How to Use This Catalog
529902B02500 AAVID-529902B02500 Datasheet
82Kb / 2P
For use with TO-220 packages
2/25/2003
More results

Similar Description - 5299/19C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com