Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-9366 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9366
Description  Intel® Pentium N4200, Celeron N3350 & Atom™ E3950, 3.5" MI/O SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9366 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9366 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9366 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
PCM-9366
Ordering Information
Part No.
CPU
Memory HDMI LVDS VGA GbE Audio RS-232/
422/485 RS-232
USB
3.0
USB
2.0
SATA III M.2 Key E Mini
PCIe
mSATA CANBUS Power
connector
Thermal
Solution*
Operating
Temp.
PCM-9366N-S1A2
N3350
SODIMM
1
48-bit Yes
2
Yes
2
2
4
4
1
1
Full-size Full-size 2
2P Phoenix
power
connector
Passive
0 ~ 60° C
PCM-9366N-S2A2
N4200
SODIMM
1
48-bit Yes
2
Yes
2
2
2
4
1
1
Full-size Full-size 2
2P Phoenix
power
connector
Passive
0 ~ 60° C
PCM-9366E-S7A2
E3950
SODIMM
1
48-bit Yes
2
Yes
2
2
2
4
1
1
Full-size Full-size 2
2P Phoenix
power
connector
Passive
0 ~ 60° C
Note: Passive=fanless; Active=with fan
Packing List
Part No.
Description
Quantity
PCM-9366 SBC
1
2006936600
Startup Manual
1
1701200220
RS-232 COM cable, F Cable 2*10P-2.0/
D-SUB 9P(M)*2 22CM
2
1700018785
SATA 35cm power cable
1
1700019584
Audio Cable 2*5P-2.0/JACK*3 20cm
1
mini Jumper pack
1
1700006291
M Cable SATA 7P/SATA 7P 30cm C=R 180/90
1960078737T001
PCM-9366 heatsink for N4200/N3350
1960078737T011
PCM-9366 heatsink for E3900 series
Embedded OS/API
Embedded OS/
API
Part No.
Description
WIN10
20706WX9ES0069
img W10 19EL PCM-9366 64b 1809
ENU
Rear I/O View
Note1: Supported by request
Apollo Lake
Quad/Dual Core
up tp 13W
DDR3L SO-DIMM
48 bit LVDS
eDP
(optional)
eDP connector
HDMI
SATA-III
Display Port
SATAIII x 1
Mini PCIe/mSATA
SIM
PCIe x 1
SATAIII x 1
USB2.0 x 1
M.2 E key
PCIe x 1
USB2.0 x 1
TPM 2.0 (optional)
TPM2.0
USB3.0 x 2
USB 3.0 x 2
USB 2.0 x 2
128MBit SPI BIOS
SPI
4 x USB2.0 internal
pin header
USB 2.0 x 4
UIM
VGA
Display Port
ALC888S
HDA
Speaker out, CD-input,
Line-in, Line-out, Mic-in
box header to support
case open
I210-IT
GbE
PCIe x 1
I210-IT
GbE
PCIe x 1
EIO-IS200
SMBus/I2C
LPC
2 x CAN bus
2 x 8-Bit GPIO
2 x RS-232/422/485
2 x RS-232



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com