Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-312-RJ60A Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-312-RJ60A
Description  12 Fanless Panel PC with Intel® Celeron® J6412 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-312-RJ60A Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-312-RJ60A Datasheet HTML 1Page - Advantech Co., Ltd. PPC-312-RJ60A Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
Dimensions
Unit: mm
I/O View
A. Power Switch
B. DC-In
C. 2 x USB 3.1
D. 2 x USB 2.0
E. 1 x Type C (USB only)
F. 1 x HDMI
G. 2 x LAN
H. 1 x RS-232/422/485
I. 1 x RS-232
B
C D E F
H
A
I
G
Panel Cutout Dimensions: 311 x 240 mm (12.24 x 9.44 in)
Ordering Information
Part Number
Description
PPC-312-RJ60A
12" PPC w/Intel Celeron J6412, Resistive touch,
assembled in China
PPC-312-PJ60A
12" PPC w/Intel Celeron J6412, Projected Capacitive
Multi-touch, assembled in China
PPC-312-RJ60AU
12" PPC w/Intel Celeron J6412, Resistive touch,
assembled in Taiwan
PPC-312-PJ60AU
12" PPC w/Intel Celeron J6412, Projected Capacitive
Multi-touch, assembled in Taiwan
98R3P300020
Bracket module for 2.5" SSD/HDD installation
96PSA-A90W19OT-3
A/D 100-240V 90W 19V C6 TERMINAL 2 PIN 62368
PPC-WLAN-C1E
M.2 Wi-Fi Module with Antenna cable support 2T2R
PPC-ARM-A03
ARM VESA Standard (A-CLEVER)
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-Stand-A1E
Stand for PPC series
1700001524
Power cord 3P UL 10A 125V 1.8M
170203183C
Power cord 3P Europe (WS-010+083) 183cm
1700008921
Power cord 3P/3P 1.8M PSE
96CB-POWER-B-1.8MB
Power code 3P CCC(China) 1.8M
98R3P300010
PPC-300 RFID Read only 13.56MHz&125k
259.00
309.36
317.00
5.70
22.70
75.00
52.70
PPC-312 EHL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com