Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-3100S-RBU Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-3100S-RBU
Description  10.4 Fanless Panel PC with Intel® Celeron® N2930 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3100S-RBU Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-3100S-RBU Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3100S-RBU Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
Dimensions
Unit: mm
PPC-3100S
I/O View
A. Power Switch
B. DC-In
C.RS-232
D.RS-232/422/485
E. 2 x RJ45 LAN
F. 1 x USB 2.0, 1 x USB 3.0
G. USB 2.0
B
B
C
C
D
D
E
E
F
F
A
A
G
Panel Cutout Dimensions: 265 x 210 mm (10.43 x 8.26 in)
271.80
262.80
75.00
Ordering Information
Part Number
Description
PPC-3100S-RAE
Intel Celeron N2930 Fanless PPC with 10.4" LED panel,
Res. T/S, assembled in China
PPC-3100S-RB
Intel Celeron N2930 Fanless PPC with 10.4" LED panel,
Res. T/S, assembled in China
PPC-3100S-RAU
Intel Celeron N2930 Fanless PPC with 10.4" LED panel,
Res. T/S, assembled in Taiwan
PPC-3100S-RBU
Intel Celeron N2930 Fanless PPC with 10.4" LED panel,
Res. T/S, assembled in Taiwan
PPC-3100S-PBE
Intel Celeron N2930 Fanless PPC with 10.4" LED panel,
P-cap T/S, assembled in China
PPC-3100S-PC
Intel Celeron N2930 Fanless PPC with 10.4" LED panel,
P-cap T/S, assembled in China
PPC-3100S-PBU
Intel Celeron N2930 Fanless PPC with 10.4" LED panel,
P-cap T/S, assembled in Taiwan
PPC-3100S-PCU
Intel Celeron N2930 Fanless PPC with 10.4" LED panel,
P-cap T/S, assembled in Taiwan
PPC-3100S-HDDE
Bracket module for 2.5' SSD/HDD installation
96PSA-A90W19OT-3
A/D 100-240V 90W 19V C6 TERMINAL 2 PIN 62368
PPC-WLAN-C1E
M.2 Wi-Fi Module with Antenna cable support 2T2R
PPC-ARM-A03
ARM VESA Standard (A-CLEVER) for PPC series
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-Stand-A1E
Stand for PPC series
1700001524
Power cord 3P UL 10A 125V 1.8M
170203183C
Power cord 3P Europe (WS-010+083) 183cm
1700008921
Power cord 3P/3P 1.8M PSE
96CB-POWER-B-1.8MB Power code 3P CCC(China) 1.8M
Note:
PPC-3100S-xAx:Intel I211-AT/I210AT, 1GbE LAN chipset
PPC-3100S-xBx:Realtek 8119i, 1GbE LAN chipset
PPC-3100S-Rxx
PPC-3100S-Pxx



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com