Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-312-RJ60AU Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-312-RJ60AU
Description  12 Fanless Panel PC with Intel® Celeron® J6412 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-312-RJ60AU Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-312-RJ60AU Datasheet HTML 1Page - Advantech Co., Ltd. PPC-312-RJ60AU Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
12" Fanless Panel PC with
Intel® Celeron® J6412 Processor
ƒ
Industrial-grade 12" XGA TFT LCD with 30K backlight lifetime
ƒ
Durable true-flat touchscreen with 5-wire resistive/projected capacitive touch
control
ƒ
Intel® Celeron® J6412 quad-core, 2.0 GHz, processor
ƒ
Up to 32 GB DDR4 SDRAM
ƒ
1 x RS-232, 1 x RS-232/422/485, 2 x USB 2.0, and 2 x USB 3.1
ƒ
Compact, fanless design with solid aluminum alloy enclosure and IP66-rated
front panel
ƒ
Supports E-key for wireless module
ƒ
Supports expansion via M.2 slot
ƒ
Supports Windows Embedded Linux and Android OS
ƒ
Supports VESA 75 x 75 mounting holes
ƒ
Dual 2.5GBASE-T Ethernet Supports Time-Sensitive Network(TSN)
technology
Introduction
PPC-312 EHL is an industrial panel PC with 12.1" XGA LCD, powered by Intel Celeron quad core J6412 processor. With aesthetic aluminum alloy enclosure, PPC-312 EHL ensures
fanless reliability and easy maintenance in diverse industrial applications. Moreover, it provides more faster and flexible connection via 2 x 2.5G Ethernet port, 2 x USB 3.1 and
1 x Type C (USB only). The PPC-312 EHL is ideal for MES, processing and general industrial equipment integration.
Specifications
PPC-312-RJ60A
PPC-312-PJ60A
System
CPU
Intel® Celeron® J6412 quad core
Frequency
2.0 GHz
L2 Cache
1.5 MB
Memory
1 x SDRAM DDR4 3200 MHz (max. 32G)
Storage
1 x 2.5" SATA bay (optional; requires a bracket module for installation)
1 x M.2 slot: M key for storage (SATA only, 2242 & 2280)
Network (LAN)
2 x 10/100/1000/2500 Mbps Ethernet (Intel I225-LM)
I/O
2 x Serial ports: 1 x RS-232, 1x RS-232/422/485 (Adjustable through BIOS)
2 x USB 2.0, 2 x USB 3.1
1 x Type C (USB only)
1 x HDMI1.4
1 x TPM 2.0
Expansion
1 x M.2 2230 E-key for wireless card
Watchdog Timer
255 timer levels, set up by software
Physical Characteristics
Dimensions
317 x 246 x 52.7 mm (12.5 x 9.7 x 2.07 in)
Weight
3.16 kg (8.14 lb)
OS Support
OS Support
Microsoft® Windows 10(64-bit), Linux, Android
Power Consumption
Input Voltage
12 ~ 30 VDC
Power Consumption
33W (Burn-in test 8.1 in Windows 10, 64-bit)
LCD
Display Type
12" TFT LCD (LED backlight)
Resolution
1024 x 768
Viewing Angle
85 (left), 85 (right), 89 (up), 89 (down)
Luminance (cd/m2)
500
Contrast Ratio
1000
Backlight Lifetime
30,000 hr (min.)
Touchscreen
Touch Type
ELO 5-wire resistive touch
Projected Capacitive Multi-touch
Light Transmission
80±5% at 550 nm wavelength
88±2%
Controller
USB interface
USB interface
Durability (Touches)
Greater than 35 million touches in one location without
failure
Cover glass > 7H
Environment
Operating Temperature
-10 ~ 50°C (14 ~ 122°F)
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5 ~ 500Hz, 2Grms @with SSD, follow IEC 60068-2-64
EMC
CE, FCC Class B, BSMI, UKCA, VCCI
Safety
CB, CCC, BSMI, UL, UKCA
Front Panel Protection
IP66 compliant
PPC-312 EHL
All product specifications are subject to change without notice.
Last updated: 5-Sep-2022


Similar Part No. - PPC-312-RJ60AU

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3120 ADVANTECH-PPC-3120 Datasheet
390Kb / 2P
12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120-EXPE ADVANTECH-PPC-3120-EXPE Datasheet
460Kb / 2P
12.1" Fanless Panel PC with Intel짰 Atom??D2550 Processor
PPC-3120-RAE ADVANTECH-PPC-3120-RAE Datasheet
460Kb / 2P
12.1" Fanless Panel PC with Intel짰 Atom??D2550 Processor
PPC-3120-RE9A ADVANTECH-PPC-3120-RE9A Datasheet
390Kb / 2P
12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120-RE9AU ADVANTECH-PPC-3120-RE9AU Datasheet
390Kb / 2P
12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
More results

Similar Description - PPC-312-RJ60AU

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3060S ADVANTECH-PPC-3060S Datasheet
413Kb / 2P
6.5/7 Fanless Panel PC with Intel® Celeron® N2807 Processor
1-Aug-2022
PPC-310-EHL ADVANTECH-PPC-310-EHL Datasheet
420Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3100S ADVANTECH-PPC-3100S Datasheet
444Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
PPC-3120S ADVANTECH-PPC-3120S Datasheet
385Kb / 2P
12.1 Fanless Panel PC with Intel® Celeron® N2930 Processor
28-Jul-2022
PPC-315-EHL ADVANTECH-PPC-315-EHL Datasheet
437Kb / 2P
15 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-321W-EHL ADVANTECH-PPC-321W-EHL Datasheet
434Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3210SW ADVANTECH-PPC-3210SW Datasheet
375Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
logo
AAEON Technology
BOXER-6405M AAEON-BOXER-6405M Datasheet
358Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron®/Pentium® Processor
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com