Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT10K45WS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SBT10K45WS
Description  Small-Signal Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SBT10K45WS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SBT10K45WS Datasheet HTML 1Page - List of Unclassifed Manufacturers SBT10K45WS Datasheet HTML 2Page - List of Unclassifed Manufacturers SBT10K45WS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon-Based Technology Corp.
Small-Signal Schottky Barrier Diodes
SBT10K45WS Series
SBT10K45WS series are Schottky Barrier Diodes fabricated by a series of
proprietary Schottky barrier patents and technologies (SBT
®) developed by
Silicon-Based
Technology
Corporation,
which
exhibit
high-performance
characteristics for modern switching, conversion and protection applications with
high speed and low power consumptions. The package types as described in this
data sheet are set forth in routine production; other packages are available upon
special orders.
Features and Advantages:
Low forward voltage drop(VF)
Low reverse leakage current (IR)
Very small conduction power loss
Very small switching power loss
Very high switching speed
Very high reliability
Electrical Characteristics : (@TA=25°C unless otherwise specified)
Characteristic
Symbol Min. Typ. Max. Unit
Test Conditions
Reverse Breakdown Voltage
(Note 2)
V(BR)R
45
-
-
-
IR=100 A
Forward Voltage (Note 2)
VFM
-
350
380
mV
IF=10mA
Reverse Current (Note 2)
IRM
-
0.07
0.5
A
VR=10V
Total Capacitance
CT
-
6.0
-
pF
VR=10V, f=1.0MHZ
SBT
Silicon-Based Technology Corporation
1F,No.23, R&D Rd.I, Hsinchu Science Park, Taiwan, R.O.C
Tel 886-3-5777897
Fax 886-3-5779832


Similar Part No. - SBT10K45WS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT100-10G SANYO-SBT100-10G Datasheet
49Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 10A Rectifier
SBT100-16JS SANYO-SBT100-16JS Datasheet
74Kb / 3P
160V, 10A Rectifier
SBT100-16LS SANYO-SBT100-16LS Datasheet
40Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
logo
Diotec Semiconductor
SBT10100 DIOTEC-SBT10100 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
SBT10100 DIOTEC-SBT10100 Datasheet
123Kb / 2P
Schottky Barrier Rectifier Diodes - Single Diode
More results

Similar Description - SBT10K45WS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
Small Signal Schottky Barrier Diodes
25-Jun-01
logo
List of Unclassifed Man...
SBT103AD ETC1-SBT103AD Datasheet
42Kb / 3P
Small-Signal Schottky Barrier Diodes
SBT103AT ETC1-SBT103AT Datasheet
50Kb / 3P
Small-Signal Schottky Barrier Diodes
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
Small Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
Small Signal Schottky Barrier Diodes
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
BAT81S GOOD-ARK-BAT81S_15 Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81_15 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com