Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-488 Datasheet(PDF) 5 Page - PerkinElmer Optoelectronics

Part # GP-488
Description  Mini-Triggered Spark Gaps and Transformers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

GP-488 Datasheet(HTML) 5 Page - PerkinElmer Optoelectronics

  GP-488 Datasheet HTML 1Page - PerkinElmer Optoelectronics GP-488 Datasheet HTML 2Page - PerkinElmer Optoelectronics GP-488 Datasheet HTML 3Page - PerkinElmer Optoelectronics GP-488 Datasheet HTML 4Page - PerkinElmer Optoelectronics GP-488 Datasheet HTML 5Page - PerkinElmer Optoelectronics GP-488 Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
page 5
PerkinElmer Optoelectronics
BLK
RED
0.10
± 0.02
(2.54
± 0.5)
3 IN. MIN
(76.20)
TYP
YEL/WHT
YEL
#28 AWG
33 TEFLON
0.685
± 0.010
Z917.4
± 0.25)
#28 AWG
E TEFLON
0.400
± 0.010
(10.16
± 0.25)
0.10
± 0.02
(2.54
± 0.51)
0.520
± 0.005
SQUARE
(13.21
± 0.13)
0.200
± 0.010
(5.08
± 0.25)
0.400
± 0.010
(10.16
± 0.25)
0.031
(0.79)
PIN. TYP
0.700
± 0.010
SQUARE
(17.78
± 0.25)
PS
SS
SF
PF
TR-2206
TR-2189
SS
SF
PS
PF
*TR-2190 primary input leads are #30 AWG
E Teflon covered wire
TR-2189
*TR-2190
TR-2206
TR-2207
Mechanical Specifications
Note: Dimensions in inches (mm in parentheses)
Miniature Trigger
Transformers
TR-2189/2190/2206/
2207
These transformers were custom-
designed for reliable triggering of the
PerkinElmer GP-485/486/488/489
triggered spark gaps. They have
operating circuit output voltages well
above the maximum required by the
switches and are capable of sustain-
ing the trigger to adjacent electrode
current during the turn-on phase of
gap operation. These transformers
are constructed using miniature
cores, wound and potted, to produce
high output voltage with a minimum
of corona at twice rated output volt-
age. The TR-2189 and TR-2206 are
low input voltage transformers,
round, with flying leads and solder
connections. The TR-2190 and
TR-2207 are high input voltage
transformers, square, with pins for
PC board connection.
1.0 M
Ω
VT(IN)
CT
2N6798
PF
PS
TR
SF
SS
vT(OC)
+
Transformer Circuit
5
10
15
20
25
30
35
40
45
7
6
5
4
3
2
VT(IN)—INPUT VOLTAGE, kV
TR-2189/2206—Low Voltage
Peak vT(OC) vs Peak VT(IN)
9
8
7
6
5
4
3
2
0
50
100
150
200
250
VT(IN)—INPUT VOLTAGE, kV
TR-2190/2207—High Voltage
Peak vT(OC) vs Peak VT(IN)
Output Voltage as a Function of Input Voltage
CT = 2.2µf
CT = 0.1µf
TR-2189
TR-2206
GND
500ns/Div
TIME
VT(IN) = 20 V vT(OC) = 3.85 kV, Peak VT(IN) = 110 V vT(OC) = 4.37 kV, Peak
GND
TIME
500ns/Div
TR-2190
TR-2207
Output Pulse Shapes
Notes: 1. Pulse rise time (10 to 90%): 2.2
µS max
2. Pulse width at 30% of max: 1.0
µS max
3. Corona pri-sec voltage of 8 kVDC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com