Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHV2002 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # AHV2002
Description  SILICON HYPERABRUPT TUNING VARACTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

AHV2002 Datasheet(HTML) 1 Page - Advanced Semiconductor

  AHV2002 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
Q
AHV2011
IR = 10
µA22
V
AHV2002
VR = 20 V
100
nA
AHV2003
VR = 4.0 V
f = 1.0 MHz
47.5
52.5
pF
AHV2004
VR = 8.0 V
f = 1.0 MHz
18.4
21.6
pF
AHV20
VR = 20 V
f = 1.0 MHz
7.3
9.2
pF
∆∆∆∆AHV
CT4 V/CT8.0 V
f = 1.0 MHz
2.2
2.8
∆∆∆∆C
T
C
T-4 V /
C
T –20 V
f = 1.0 MHz
5.2
6.9
Q
VR = 4.0 V
f = 50 MHz
200
SILICON HYPERABRUPT TUNING VARACTOR
AHV2000 SERIES
DESCRIPTION:
The
ASI AHV2000 Series is an Iong
Implanted Silicon Hyperabrupt Tuning
Varactor Designed for Octave Tuning
up to 500 MHz.
MAXIMUM RATINGS
VR
22 V
IF
40 mA
PDISS
200 mW @ TC = 25
OC
TJ
-55
OC to +125 OC
TSTG
-55
OC to +175 OC
TSOLD
5Sec./230
OC
PACKAGE STYLE DO-7


Similar Part No. - AHV2002

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
List of Unclassifed Man...
AHV2800 ETC1-AHV2800 Datasheet
112Kb / 8P
Hybrid - High Reliability DC/DC Converters
logo
International Rectifier
AHV2800 IRF-AHV2800 Datasheet
182Kb / 9P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHV2800 IRF-AHV2800_15 Datasheet
182Kb / 9P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHV2805DF/CH IRF-AHV2805DF/CH Datasheet
81Kb / 9P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results

Similar Description - AHV2002

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
Hyperabrupt Junction Tuning Varactor
logo
Advanced Semiconductor
DKV6522 ASI-DKV6522 Datasheet
13Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR DIODE
KV2801 ASI-KV2801 Datasheet
16Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
KV2101 ASI-KV2101 Datasheet
25Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
KV2101-150 ASI-KV2101-150 Datasheet
28Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
KV2101A ASI-KV2101A Datasheet
24Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
AHV1001A ASI-AHV1001A Datasheet
22Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
SMV1229-001 ASI-SMV1229-001 Datasheet
22Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
AHV1001 ASI-AHV1001 Datasheet
51Kb / 1P
SILICON HYPERABRUPT TUNING VARACTOR
logo
Skyworks Solutions Inc.
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com