Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASAT35L Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASAT35L
Description  NPN RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASAT35L Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASAT35L Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 20 mA
50
V
BVCES
IC = 20 mA
50
V
BVEBO
IE = 10 mA
3.5
V
ICES
VCE = 28 V
5.0
mA
hFE
VCE = 5 V
IC = 2.0 A
20
300
---
PG
ηηηη
C
VCE = 28 V
POUT = 35 W
f = 1500 - 1600 MHz
8.0
45
9.0
50
dB
%
ZCL
ZIN
VCE = 28 V
POUT = 35 W
f = 1500 MHz
3.0 + j0.5
4.0 + j15.0
Ohms
ZCL
ZIN
VCE = 28 V
POUT = 35 W
f = 1600 MHz
1.8 + j1.0
5.5 + j16.2
Ohms
NPN RF POWER TRANSISTOR
ASAT35L
DESCRIPTION:
The
ASAT35L is a Common Base
Transistor Designed for L-Band
Satcom Amplifier Applications.
FEATURES INCLUDE:
•••• Input/Output Matching Networks
• Gold Metallization
•••• Emitter Ballasting
MAXIMUM RATINGS
I
C
3.5 A
V
CBO
50 V
P
DISS
55 W @ TC = 25
OC
T
J
-55
OC to+200 OC
T
STG
-55
OC to+200 OC
θθθθ
JC
2.6
OC/W
PACKAGE STYLE 400 2L FLG
1 = Collector
2 & 4 = Base
3 = Emitter


Similar Part No. - ASAT35L

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASAT30 ASI-ASAT30 Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
More results

Similar Description - ASAT35L

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HF220-50F ASI-HF220-50F Datasheet
20Kb / 1P
NPN RF POWER TRANSISTOR
REV.A
MS2601 ASI-MS2601 Datasheet
46Kb / 1P
NPN RF POWER TRANSISTOR
MSC74520 ASI-MSC74520 Datasheet
181Kb / 1P
NPN RF POWER TRANSISTOR
TPM401 ASI-TPM401 Datasheet
25Kb / 1P
NPN RF POWER TRANSISTOR
MSC74013 ASI-MSC74013 Datasheet
19Kb / 1P
NPN RF POWER TRANSISTOR
MSC74519 ASI-MSC74519 Datasheet
18Kb / 1P
NPN RF POWER TRANSISTOR
SRF1136 ASI-SRF1136 Datasheet
22Kb / 1P
NPN RF POWER TRANSISTOR
AM1011-500 ASI-AM1011-500 Datasheet
41Kb / 1P
NPN RF POWER TRANSISTOR
AM82731-001 ASI-AM82731-001 Datasheet
65Kb / 1P
NPN RF POWER TRANSISTOR
MRF898 ASI-MRF898 Datasheet
38Kb / 1P
NPN RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com