Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A720 Datasheet(PDF) 4 Page - Kemet Corporation

Part # A720
Description  A720 Polymer Aluminum
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A720 Datasheet(HTML) 4 Page - Kemet Corporation

  A720 Datasheet HTML 1Page - Kemet Corporation A720 Datasheet HTML 2Page - Kemet Corporation A720 Datasheet HTML 3Page - Kemet Corporation A720 Datasheet HTML 4Page - Kemet Corporation A720 Datasheet HTML 5Page - Kemet Corporation A720 Datasheet HTML 6Page - Kemet Corporation A720 Datasheet HTML 7Page - Kemet Corporation A720 Datasheet HTML 8Page - Kemet Corporation A720 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2078_A720 • 7/26/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
4
Aluminum Organic Capacitor (AO-CAP)
A720 Polymer Aluminum
Electrical Characteristics
ESR vs. Frequency
Frequency (Hz)
0.001
0.01
0.1
1
10
100
100
1,000
10,000
100,000
1,000,000
A720V477M002_IMP
A720V477M002_ESR
A720V226M035_IMP
A720V226M035_ESR
Capacitance vs. Frequency
Frequency (Hz)
1
10
100
1,000
100
1,000
10,000
100,000
1,000,000
A720V477M002_CAP
A720V226M035_CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com