Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MST0603R0010FSM Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # MST0603R0010FSM
Description  SMD current sensing resistor- metal strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MST0603R0010FSM Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  MST0603R0010FSM Datasheet HTML 1Page - Eaton All Rights Reserved. MST0603R0010FSM Datasheet HTML 2Page - Eaton All Rights Reserved. MST0603R0010FSM Datasheet HTML 3Page - Eaton All Rights Reserved. MST0603R0010FSM Datasheet HTML 4Page - Eaton All Rights Reserved. MST0603R0010FSM Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Data ELX1184
Effective June 2022
MST
SMD current sensing resistor- metal strip
www.eaton.com/electronics
General specifications
Temperature coefficient of resistance: IEC 60115-1 4.8 JIS-C5201-4.8 +25 ° to +125 °C
Short time overload: IEC60115-1-4.13 JIS-C5201-4.13
5 X rated power for 5 s
Load life: IEC60115-1-4.25.1 JIS-C5201-4.25.1 1000 hours at rated power , +70 °C, 1.5 hours “ON “, 0.5 hours “OFF”
Load life with humidity: IEC60115-1-4.24 JIS-C5201-4.24 1000 hours at rated power , +40 °C ± 2 °C, 90~95% RH 1.5 hours “ON “, 0.5 hours “OFF”
Temperature cycling: IEC60115-1-4.19 JIS-C5201-4.19 -55 °C (30 minutes ) / +125 °C (30 minutes ) 1000 cycles
Resistance to soldering heat: IEC60115-1-4.18 JIS-C5201-4.18 +260 °C ± 5 °C solder , 10 seconds ± 1 second dwell .
Solderability: IEC60115-1-4.17 JIS-C5201-4.17 +245 °C ±5 °C solder, 2 seconds ±0.5 seconds dwell.
Board flex: IEC60115-1-4.33 JIS-C5201-4.33 Bending width 2 mm
High temperature exposure: IEC60115-1-4.23.2 JIS-C5201-4.23.2 +155 °C , 1000 hours
Low temperature storage: EC60115-1- 4.23.4 JIS-C5201-4.23.4 -55 °C, 1000 hours
Insulation Resistance: IEC60115-1-4.6 JIS-C5201-4.6 100 V DC for 1 minute
Temperature derating curve
Temperature (°C)
Rated current & voltage
The rated Current and Voltage are calculated by the following formula:
I: Rated current (A)
P: Rated power (W)
V: Rated voltage (V)
R: Resistance value (Ω)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com