Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT6021 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # AT6021
Description  SILICON ABRUPT JUNCTION TUNING VARACTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

AT6021 Datasheet(HTML) 1 Page - Advanced Semiconductor

  AT6021 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VB
IR = 10
µA70
V
CT
VR = 4.0 V
f = 1.0 MHz
44.65
47.0
49.35
pF
∆∆∆∆C
T
CT0/CT60
f = 1.0 MHz
7.4
---
∆∆∆∆C
T
CT8/CT60
f = 1.0 MHz
2.50
2.60
---
Q
VR = 4.0 V
f = 50 MHz
600
---
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6021
DESCRIPTION:
The
AT6021 is an Epitaxial Silicon
Abrupt Junction Microwave Tuning
Varactor. This Device is Passivated
With Silicon Dioxide Which Results in
Very Low Leakage Current. The
Capacitance Voltage Relationship
Closely Approximates Square Law
(n = 0.5).
MAXIMUM RATINGS
IC
100 mA
VCE
70 V
PDISS
250 mW @ TC = 25
OC
TJ
-65 to +150
OC
TSTG
-65 to +150
OC
θθθθ
JC
500
OC/W
PACKAGE STYLE 15 (DO-7)


Similar Part No. - AT6021

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
AT6021 ATOM-AT6021 Datasheet
707Kb / 2P
LED Backlit panels
18.06.20
AT6021306 ATOM-AT6021306 Datasheet
707Kb / 2P
LED Backlit panels
18.06.20
AT6021312 ATOM-AT6021312 Datasheet
707Kb / 2P
LED Backlit panels
18.06.20
AT6021606 ATOM-AT6021606 Datasheet
707Kb / 2P
LED Backlit panels
18.06.20
AT6021612 ATOM-AT6021612 Datasheet
707Kb / 2P
LED Backlit panels
18.06.20
More results

Similar Description - AT6021

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1405 ASI-MV1405 Datasheet
11Kb / 1P
Silicon Hyper-Abrupt Junction Microwave Tuning Varactor Diode
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6019-10 ASI-AT6019-10 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6020 ASI-AT6020 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6021M ASI-AT6021M Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT9017-10 ASI-AT9017-10 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT9019-10 ASI-AT9019-10 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
PC115A ASI-PC115A Datasheet
20Kb / 1P
SILICON ABRUPT TUNING VARACTOR
logo
Skyworks Solutions Inc.
SMV1470-004 SKYWORKS-SMV1470-004 Datasheet
153Kb / 4P
Abrupt Junction Tuning Varactor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com