Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMA2010 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # MSMA2010
Description  SMD current sensing resistor- metal strip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MSMA2010 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  MSMA2010 Datasheet HTML 1Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 2Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 3Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 4Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 5Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 6Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 7Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 8Page - Eaton All Rights Reserved. MSMA2010 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Technical Data ELX1179
Effective June 2022
MSMA
SMD current sensing resistor- metal strip
www.eaton.com/electronics
Electrical specifications
Part number
Size
Grade
option
Resistance value
mΩ (Part number
code)
Resistance tolerance
(Part number code)
Power rating
(Part number
code)
Metal
material
(Part
number
code)
TCR
(ppm/°C)
Operating
temperature
MSM@2010Rxxxx*?!
2010 (5025 metric)
A
1 (0010)
±1% (F)
1.5 W (D)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2010Rxxxx*?!
2010 (5025 metric)
A
2 (0020)
±1% (F)
1.5 W (D)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2010Rxxxx*?!
2010 (5025 metric)
A
14 (0140)
±1% (F)
1.5 W (D)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2010Rxxxx*?!
2010 (5025 metric)
A
30 (0300)
±1% (F)
1.5 W (D)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2010Rxxxx*?!
2010 (5025 metric)
A
5 (0050)
±1% (F)
1.5 W (D)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2010Rxxxx*?!
2010 (5025 metric)
A
6 (0060)
±1% (F)
1.5 W (D)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2010Rxxxx*?!
2010 (5025 metric)
A
10 (0100)
±1% (F)
1.5 W (D)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2010Rxxxx*?!
2010 (5025 metric)
A
15 (0150)
±1% (F)
1.5 W (D)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2010Rxxxx*?!
2010 (5025 metric)
A
20 (0200)
±1% (F)
1.5 W (D)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2010Rxxxx*?!
2010 (5025 metric)
A
50 (0500)
±1% (F)
1.5 W (D)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
1 (0010)
±1% (F)
2 W (E)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
2 (0020)
±1% (F)
2 W (E)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
3 (0030)
±1% (F)
2 W (E)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
3.5 (0035)
±1% (F)
2 W (E)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
4 (0040)
±1% (F)
2 W (E)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
5 (0050)
±1% (F)
2 W (E)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
6 (0060)
±1% (F)
2 W (E)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
7 (0070)
±1% (F)
2 W (E)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
8 (0080)
±1% (F)
2 W (E)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
9 (0090)
±1% (F)
2 W (E)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
10 (0100)
±1% (F)
2 W (E)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
11 (0110)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
15 (0150)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
16 (0160)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
18 (0180)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
20 (0200)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
25 (0250)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
30 (0300)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
33 (0330)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
35 (0350)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
40 (0400)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
50 (0500)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
0.5 (0005)
±1% (F)
3 W (G)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
1 (0010)
±1% (F)
3 W (G)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
1.1 (0011)
±1% (F)
3 W (G)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
1.5 (0015)
±1% (F)
3 W (G)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
2 (0020)
±1% (F)
3 W (G)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
3 (0030)
±1% (F)
3 W (G)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
4 (0040)
±1% (F)
3 W (G)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
5 (0050)
±1% (F)
3 W (G)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
6 (0060)
±1% (F)
3 W (G)
MnCu (M)
± 50
-55 °C to +170 °C
MSM@2512Rxxxx*?!
2512 (6432 metric)
A
7 (0070)
±1% (F)
3 W (G)
MnCu (M)
± 50
-55 °C to +170 °C
@= Enter grade option from table above (A=Automotive)
Rxxxx = Enter resistance code option from table above xxxx= resistance code (R0000 = 0, Resistance is under 0.5mΩ for jumper resistor , R0050 = 5.0 mΩ)
*= Enter resistance tolerance code option from table above (F= ±1%, J= ±5%)
?= Enter power rating code option from table above (A =1/4 W, S =1/2 W, C =1 W, D = 1.5 W, E = 2 W, G= 3 W)
!=Enter metal material code option from tabel above (M = MnCu, N = NiCu, C= Cu)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com