Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVF1000 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # AVF1000
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

AVF1000 Datasheet(HTML) 1 Page - Advanced Semiconductor

  AVF1000 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 100 mA
65
V
BVEBO
IE = 50 mA
3.5
V
hFE
VCE = 5.0 V
IC = 1.0 A
10
---
POUT
PIN
PG
ηηηη
C
tr
VSRW
1
F = 1090 MHz
VCC = 45 V
PW = 10 µsec
DF = 1 %
F = 1030 MHz
1000
6.0
43
250
70
9:1
W
W
dB
%
ns
Note 1: At rated output power and pulse conditions.
NPN SILICON RF POWER TRANSISTOR
AVF1000
DESCRIPTION:
The
ASI AVF1000 is a common base
transistor Designed for pulsed systems
Applications up to 1090 MHz.
FEATURES:
• Internal Input/Output Matching Networks
• P
G = 6.0 dB at 1000W/1090 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
65 A
VCES
55 V
VEBO
3.5 V
PDISS
2900 W @ TC 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
0.06 °C/W
PACKAGE STYLE .450 BAL FLG (B)
1 = Collector 2 = Base 3 = Emitter
MINIMUM
inches / mm
.411 / 10.44
.825 / 20.96
B
C
D
E
F
G
A
MAXIMUM
.865 / 21.97
.421 / 10.69
inches / mm
H
DIM
K
L
I
J
.002 / 0.05
.095 / 2.41
.006 / 0.15
.105 / 2.67
.250 / 6.35
M
.373 / 9.47
.385 / 9.78
.115 / 2.92
.135 / 3.43
.457 / 11.61
.445 / 11.30
1.675 / 42.55
1.685 / 42.80
.205 / 5.21
A
B
.120 x 45°
C
.050 NOM.
F
G
H
I
J K
L
M
4X.060 R
.210
.208
D
E
FULL R
.525 / 13.34
.535 / 13.59
1.265 / 32.18
1.255 / 31.88
.120 / 3.25
.130 / 3.30
1
3
2


Similar Part No. - AVF1000

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AVF100 ASI-AVF100 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
AVF100 ASI-AVF100 Datasheet
21Kb / 2P
NPN SILICON RF POWER TRANSISTOR
AVF100 ASI-AVF100_07 Datasheet
21Kb / 2P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - AVF1000

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com