Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3128 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3128
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3128 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3128 Datasheet HTML 1Page - Diodes Incorporated AP3128 Datasheet HTML 2Page - Diodes Incorporated AP3128 Datasheet HTML 3Page - Diodes Incorporated AP3128 Datasheet HTML 4Page - Diodes Incorporated AP3128 Datasheet HTML 5Page - Diodes Incorporated AP3128 Datasheet HTML 6Page - Diodes Incorporated AP3128 Datasheet HTML 7Page - Diodes Incorporated AP3128 Datasheet HTML 8Page - Diodes Incorporated AP3128 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP3128
Document number: DS43487 Rev. 3 - 2
2 of 12
www.diodes.com
September 2021
© Diodes Incorporated
AP3128
Typical Applications Circuit
CY1
U1
DRISR
VCC
GND
VDD
RX
VDET
3
5
6
1
4
2
APR348
AC
R1
R9
R8
T1
F1
GND
GATE
CS
VCC
AP3128
NTC1
R4
BD1
L1
R2
R3
HV
FB
DEM
CX1
GND
OCDRV
VCC
V5V
PWR_EN
VBUS
VFB
IFB
OTP
ISENP
CC1
CC2
Vo
GND
CON1
CC1
AP43771
CC2
DP
DN
1
4
2
3
8
5
6
D+
D-
2
7
4
3
1
9
5
6
8
13
12
11
10
14
R6
R7
Q2
Q3
Q4
R11
R12
R13
R14
R15
CE1
CE2
CE3
C2
C3
C6
C7
C8
C9
C10
C11
C12
RT1
U2
U3
U4
D1
D2
D4
D3
D5
C4
Figure 1. Typical Application Circuit for PD3.0 PPS Charger
Pin Descriptions
Pin Number
Pin Name
Function
1
FB
Feedback. Directly connected to the opto-coupler.
2
DEM
Valley detection for QR control, AC line voltage detection for Brown-in/Brown-out, Sample output
voltage for SOVP and SUVP, Set OCP line compensation current.
3
VCC
Supply voltage of driver and control circuits.
4
GND
Signal Ground. Current return for driver and control circuits.
5
GATE
Gate Driver Output.
6
CS
Current Sense.
7
NC
—
8
HV
High Voltage Input. Sense line voltage and provide startup current to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com