Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3781 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3781
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3781 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3781 Datasheet HTML 7Page - Diodes Incorporated AP3781 Datasheet HTML 8Page - Diodes Incorporated AP3781 Datasheet HTML 9Page - Diodes Incorporated AP3781 Datasheet HTML 10Page - Diodes Incorporated AP3781 Datasheet HTML 11Page - Diodes Incorporated AP3781 Datasheet HTML 12Page - Diodes Incorporated AP3781 Datasheet HTML 13Page - Diodes Incorporated AP3781 Datasheet HTML 14Page - Diodes Incorporated AP3781 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP3781
Document number: DS42518 Rev. 2 - 2
13 of 15
www.diodes.com
May 2020
© Diodes Incorporated
AP3781
Operation Principle Description (continued)
Internal Over Temperature Protection (Internal OTP)
If the IC junction temperature exceeds the threshold TOTP, the AP3781 shuts down immediately and enters the hold mode. If the junction
temperature decreases by hysteresis temperature THYS, the AP3781 can recover to normal operation. If not, the power system keeps the hold
mode.
External Over Temperature Protection (External OTP)
The AP3781 provides external over-temperature protection (OTP) by connecting a Negative-Temperature-Coefficient (NTC) resistor from OTP pin
to GND. Internally, a current source IOTP is injected to the OTP pin, which generates a voltage proportional to the NTC resistance. At high ambient
temperature, the NTC resistance gets lower and results in the OTP pin voltage decreasing. If the OTP pin voltage drops below an internally-set
threshold VOTP, then the OTP is triggered, and the AP3781 shuts down immediately and enters the fast auto-recovery mode. The power system
will keep fast auto-recovery mode until the ambient temperature decreases and OTP pin voltage increases over the voltage VOTP_REC, thus, the
AP3781 can recover to normal operation.
Brown In/ Brown Out Protection
The AP3781 detects the bus voltage at each switching cycle through FB pin during tONP period, when the VCC reaches VTH_ST after power on, the
AP3781 will output one switching pulse to check if the detected bus voltage on FB pin is higher than VFB_NEG_H. If so, the system will start up
normally, otherwise the AP3781 will stop outputting following pulses, then the VCC will drop below VOPR(MIN) and the system will repeat the process
described above until the detected FB voltage is higher than VFB_NEG_H. When the power is off or there is a ditch in bus voltage, if the detected
voltage is lower than VFB_NEG_H/3 for 3 consecutive switching cycles, the IC will shut down and enter auto-recovery mode. This function is very
useful when the bulk capacitor is open, or when the heavy load is suddenly released after power off.
Ordering Information
AP3781 X - X
Packing
Package
13 : 13" Tape & Reel
Product Name
S: SO-8
Package
Part Number
Marking ID
Packing
SO-8
AP3781S-13
3781
4000/Tape & Reel
Marking Information
SO-8
3781
(Top View)
YY WW X X
Logo
8
7
6
5
1
2
3
4
Marking ID
WW : Week : 01~52; 52
YY : Year : 19, 20, 21~
X X : Internal Code
Represents 52 and 53 Week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com