Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD4D06 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CMD4D06
Description  POWER INDUCTORS Type>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD4D06 Datasheet(HTML) 2 Page - Sumida Corporation

  CMD4D06 Datasheet HTML 1Page - Sumida Corporation CMD4D06 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
*1 直流重畳特性において、定格電流を流した時、インダクタンスが初期値の90%以上となる電流値もしくは、コイルの発熱が、
ΔT=40℃以下となる電流のどちらか少ない方の値とする。(Ta=20℃)
* I 温度上昇許容電流:直流電流を流した時、コイルの温度上昇がΔT=40℃以下となる電流値とする。(Ta=20℃)
*A 直流重畳許容電流:直流重畳許容電流を流した時、インダクタンスが初期値の90%以上となる電流値とする。(Ta=20℃)
/ 定格電流とは
/ インダクタンス測定周波数(L)
/ インダクタンス公差
/ その他
POWER INDUCTORS
<SMD Type>
TYPE : CMD4D06, CMD4D08, CMD4D11, CMD4D13
Parts No.
L (H)
CMD4D06
CMD4D11
CMD4D08
D.C.R.(
Ω) :
Max.(Typ.)
Rated Current
(A) *1
D.C.R.(
Ω) :
Max.(Typ.)
Rated Current
(A) *1
CMD4D06
CMD4D08
CMD4D11
CMD4D13
100kHz
100kHz
100kHz
100kHz
*1 It is either the inductance is 10% lower than its initial value in D.C. saturation characteristics or temperature raise becomes
∆T=40°C (Ta=20°C), whichever is lower.
* I Temperature Rise Rated Current : The current when temperature of coil increases up to Max.
∆T=40 °C. (Ta=20 °C)
*A Saturation Rated Current : The current when the inductance becomes 10% lower than its initial value. (Ta=20 °C)
2R2
3R3
4R7
6R8
100
150
220
330
470
680
101
151
2.2
µ
3.3
µ
4.7
µ
6.8
µ
10
µ
15
µ
22
µ
33
µ
47
µ
68
µ
100
µ
150
µ
1.2
1.0
810m
710m
580m
480m
370m
320m
260m
210m
850m
800m
650m
570m
450m
370m
280m
220m
180m
170m
116m( 89m)
174m(134m)
216m(166m)
296m(228m)
457m(352m)
676m(520m)
1.066(820m)
1.647(1.267)
2.843(2.187)
950m
770m
750m
620m
500m
400m
300m
240m
180m
160m(123m)
194m(149m)
276m(212m)
335m(258m)
508m(391m)
766m(589m)
1.162(894m)
1.658(1.326)
2.534(2.027)
3.304(2.643)
5.362(4.290)
1.2
1.0
810m
710m
580m
480m
370m
320m
260m
210m
180m
850m
800m
650m
570m
450m
370m
280m
220m
180m
170m
130m
116m( 89m)
174m(134m)
216m(166m)
296m(228m)
457m(352m)
676m(520m)
1.066(820m)
1.647(1.267)
2.843(2.187)
950m
770m
750m
620m
500m
400m
300m
240m
180m
160m(123m)
194m(149m)
276m(212m)
335m(258m)
508m(391m)
766m(589m)
1.162(894m)
1.658(1.326)
2.534(2.027)
3.304(2.643)
D.C.R.(
Ω) :
Max.(Typ.)
Saturation
Rated Current
(A) *A
Temperature
Rise Rated
Current (A) * I
CMD4D13
D.C.R.(
Ω) :
Max.(Typ.)
Saturation
Rated Current
(A) *A
Temperature
Rise Rated
Current (A) * I
Measuring Freq. (L)
Rated Current
Other
CMD4D06
CMD4D08
CMD4D11
CMD4D13
2.2
µH – 47µH ± 20% (M)
3.3
µH – 100µH ± 20% (M)
2.2
µH – 47µH ± 20% (M)
3.3
µH – 150µH ± 20% (M)
Tolerance of Inductance
/ 無鉛製品について
About Lead-free products
・Lead-free products are now available for sale
・To order a lead-free product, please add"NP" after the product type:
・無鉛製品は現在、販売されております。
・ご注文の際は製品タイプ名の後に”NP”をつけてください。
e.g. Ordering code of lead product: Type name-
△△△○×
Ordering code of lead-free product: Type name NP
△△△○×



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com