Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7436FPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX7436FPWR
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436FPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7436FPWR Datasheet HTML 17Page - Texas Instruments TMUX7436FPWR Datasheet HTML 18Page - Texas Instruments TMUX7436FPWR Datasheet HTML 19Page - Texas Instruments TMUX7436FPWR Datasheet HTML 20Page - Texas Instruments TMUX7436FPWR Datasheet HTML 21Page - Texas Instruments TMUX7436FPWR Datasheet HTML 22Page - Texas Instruments TMUX7436FPWR Datasheet HTML 23Page - Texas Instruments TMUX7436FPWR Datasheet HTML 24Page - Texas Instruments TMUX7436FPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
6.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
Temperature (
C)
0
20
40
60
80
100
120
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
VDD = 12 V, VSS = 0 V
ION VS = 1 V, VD = 1 V
IDOFF VS = 1 V, VD = 10 V
ISOFF VS = 1 V, VD = 10 V
IDOFF VS = 10 V, VD = 1 V
ISOFF VS = 10 V, VD = 1 V
ION VS = 10 V, VD = 10 V
.
Figure 6-13. Leakage Current vs Temperature
Temperature (
C)
0
20
40
60
80
100
120
-1
1
3
5
7
9
11
13
15
17
19
VDD = 15 V, VSS = −15 V
ION VS = −10 V, VD = −10 V
IDOFF VS = −10 V, VD = 10 V
ISOFF VS = −10 V, VD = 10 V
IDOFF VS = 10 V, VD = −10 V
ISOFF VS = 10 V, VD = −10 V
ION VS = 10 V, VD = 10 V
.
Figure 6-14. Leakage Current vs Temperature
Temperature (
C)
0
20
40
60
80
100
120
-3
-1
1
3
5
7
9
11
13
15
17
19
21
23
25
VDD = 36 V, VSS = 0 V
ION VS = 1 V, VD = 1 V
IDOFF VS = 1 V, VD = 30 V
ISOFF VS = 1 V, VD = 30 V
IDOFF VS = 30 V, VD = 1 V
ISOFF VS = 30 V, VD = 1 V
ION VS = 30 V, VD = 30 V
.
Figure 6-15. Leakage Current vs Temperature
Temperature (
C)
0
20
40
60
80
100
120
-1
1
3
5
7
9
11
13
15
17
19
21
VDD = 20 V, VSS = −20 V
ION VS = −15 V, VD = −15 V
IDOFF VS = −15 V, VD = 15 V
ISOFF VS = −15 V, VD = 15 V
IDOFF VS = 15 V, VD = −15 V
ISOFF VS = 15 V, VD = −15 V
ION VS = 15 V, VD = 15 V
.
Figure 6-16. Leakage Current vs Temperature
Temperature (
C)
0
20
40
60
80
100
120
-3
0
3
6
9
12
15
18
21
24
27
15 V Dual Supply
VS = -60 V, VD = 15 V
VS = -30 V, VD = 15 V
VS = 30 V, VD = -14 V
VS = 60 V, VD = -14 V
.
Figure 6-17. ID(FA) Overvoltage Leakage Current vs Temperature
Temperature (
C)
0
20
40
60
80
100
120
-4
0
4
8
12
16
20
24
28
32
20 V Dual Supply
VS = -60 V, VD = 20 V
VS = -30 V, VD = 20 V
VS = 30 V, VD = -19 V
VS = 60 V, VD = -19 V
.
Figure 6-18. ID(FA) Overvoltage Leakage Current vs Temperature
www.ti.com
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com