Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82913 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPSM82913
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82913 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPSM82913 Datasheet HTML 17Page - Texas Instruments TPSM82913 Datasheet HTML 18Page - Texas Instruments TPSM82913 Datasheet HTML 19Page - Texas Instruments TPSM82913 Datasheet HTML 20Page - Texas Instruments TPSM82913 Datasheet HTML 21Page - Texas Instruments TPSM82913 Datasheet HTML 22Page - Texas Instruments TPSM82913 Datasheet HTML 23Page - Texas Instruments TPSM82913 Datasheet HTML 24Page - Texas Instruments TPSM82913 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
• Output ripple
• Component count
• Lowest noise
Typical applications that have input voltages of ≤ 6 V use a 2.2-MHz switching frequency. Applications that have
input voltages > 6 V can be optimized for efficiency using a 1-MHz switching frequency. In this case, the output
voltage ripple doubles, which is typically acceptable when powering high speed ADCs. Optimization for powering
clock and PLL circuits that need a 3.3-V output use a 2.2-MHz switching frequency, minimizing output voltage
ripple and low frequency noise.
For the application cases that are not found in Table 8-2, there are two methods to design the TPSM8291x
circuit. Section 8.2.2.1 uses Webench to design the circuit automatically or the calculations in Section 8.2.2.2
can be used instead.
Table 8-2. Typical Single L-C Filter Design Recommendations
DESIGN GOAL
VIN
VOUT
FSW
OUTPUT CAPACITORS
(2)
Typical
12 V
(1)
≤ 2.0 V
(1)
1 MHz
3 × 22 µF, 10 V, 0805
Higher efficiency (with
higher ripple and noise)
12 V
2.0 V < VOUT ≤ 3.3 V
1 MHz
3 × 22 µF, 10 V, 0805
Low ripple, noise PLL and
Clock Supply
12 V
2.6 V ≤ VOUT ≤ 3.3 V
2.2 MHz
3 × 22 µF, 10 V, 0805
Typical
12 V
> 3.3 V
2.2 MHz
Typical
5 V
≤ 3.3 V
2.2 MHz
3 × 22 µF, 10 V, 0805
Typical
5 V
> 3.3 V
2.2 MHz
1 × 47 µF, 1210 and 2 ×
22 µF, 10 V, 0805
(1)
The maximum input to output voltage difference is limited by the device maximum minimum on-time of 70 ns. This is especially
important for input voltages above 12 V or output voltages below 1 V. See Section 8.2.2.2.1.
(2)
For output capacitor part numbers, see Table 8-4.
The second stage L-C filter is optional, as the device can be used without this filter to achieve below 20-μVRMS
noise typically. A second stage filter is added to provide additional attenuation of the output voltage ripple. The
output voltage is sensed after the second L-C filter by connecting the FB resistors to the second stage L-C filter
capacitor. This action provides remote sense, minimizing output voltage drop due to the ferrite bead. Refer to
Table 8-3 for second stage L-C filter recommendations based on the output voltage.
Table 8-3. Second Stage L-C (Ferrite Bead) Filter Design Recommendations
VOUT (V)
FERRITE BEAD IMPEDANCE (AT 100 MHZ)
(2)
OUTPUT CAPACITORS (1)
≤ 3.3 V
8 Ω to 20 Ω
2 × 22 µF, 10 V, 0805
> 3.3 V
8 Ω to 20 Ω
3 × 22 µF, 10 V, 0805
(1)
For output capacitor part numbers, see Table 8-4.
(2)
For second stage L-C filter part numbers, see Table 8-5.
8.2.2 Detailed Design Procedure
If the specific design is not found in the Table 8-2 section, TI recommends WEBENCH® to generate the design.
Alternatively, the manual design procedure in External Component Selection can be followed.
8.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TPSM8291x device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost.
3. Open the advanced tab to optimize for output voltage ripple.
4. After in a TPSM8291x design, enable the second stage L-C filter and change other settings from the
drop-down on the left.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
www.ti.com
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com