Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP801B/802B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LP801B/802B
Description  Tri-state coding control IC / Encoder / Decoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LP801B/802B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LP801B/802B Datasheet HTML 1Page - List of Unclassifed Manufacturers LP801B/802B Datasheet HTML 2Page - List of Unclassifed Manufacturers LP801B/802B Datasheet HTML 3Page - List of Unclassifed Manufacturers LP801B/802B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2005-10-18
REV1.4
第
2 页 共 2 页
深圳市联德合微电子有限公司 TEL
:86-755-26982076
26983522
26983440
FAX
:86-755-26983407
SHENZHEN LAND-HOP MICRO-ELECTRONICS LTD.
三态解码控制 IC
FEATURES 功能叙述
●
LP801B 与 LP802B 是配对使用的遥控编码 IC;
●
可适用于 RF(射频)及 IR(红外)二种调制方式;
●
最大到 6 位数据管脚或 12 位三态地址管脚,共提供 531441(3
12)个地址码;
●
锁存型(L)和瞬态型(M)输出;
●
采用 DIP18 封装;
APPLICATION 产品应用
●
汽车安全系统、车库控制;
●
数码遥控门铃、遥控玩具、遥控风扇;
●
工业控制和家庭安全、自动控制等领域;
ELECTRICAL CHARACTERISTICS 电气规格
(Temperature:0℃to50℃,VSS=0V)
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作电压 Operating Voltage
VDD
2.0
4.5
5
V
工作电流 Operating Current
IOP
—
0.3
1.0
mA
VDD=3V, FOSC=76KHz ,No load
静态电流 Quiescent Current
ISB
5
10
23
uA
@VDD=3V
推动电流 Driving Current
IOD
10
20
—
mA
@ VDS=1.2V
振荡频率 Oscillator Frequency
FOSC
—
80
—
KHz
VDD=3V,ROSC=470K;
VDD=5V,ROSC=560K;
工作温度 Operating Temperature
Temp
-20
25
75
℃
APPLICATION DIARAM 参考电路图
All specs and applications shown above subject to change without prior notice.
(以上电路及规格仅供参考,本公司得迳行修正.)
EN/DECODER
LP802B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com