Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLN2037F Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # MLN2037F
Description  NPN SILICON RF POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MLN2037F Datasheet(HTML) 2 Page - Advanced Semiconductor

  MLN2037F Datasheet HTML 1Page - Advanced Semiconductor MLN2037F Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
2/2
ERROR! REFERENCE SOURCE NOT FOUND.
MLN2037F
Specifications are subject to change without notice.
TYPICAL S PARAMETERS:
ZO = 50
Ω V
CE = 15 V, IC = 160 mA, TA = 25°C
FREQ.
S21
S12
S11
S22
GHz
dB
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
0.20
16.40
6.60
90
0.0281
42
0.8709
-173
0.2511
-138
0.50
9.00
2.81
71
0.0467
52
0.8709
170
0.4027
-144
1.00
5.20
1.81
55
0.0944
63
0.8128
156
0.3801
-136
1.50
1.40
1.17
42
0.1548
62
0.7673
141
0.5888
-139
2.00
-0.60
0.93
24
0.2344
52
0.7762
112
0.6998
-171



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com