Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78840ASRHD Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL78840ASRHD
Description  Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78840ASRHD Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL78840ASRHD Datasheet HTML 9Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 10Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 11Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 12Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 13Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 14Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 15Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 16Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISL78840ASxH, ISL78841ASxH, ISL78843ASxH, ISL78845ASxH, ISL738840ASEH, ISL738841ASEH, ISL738843ASEH, ISL738845ASEH
FN7952 Rev.4.00
Page 13 of 18
Feb 25, 2020
Adding slope compensation is accomplished in the
ISL7884xASxH and ISL73884xASEH devices using an external
buffer transistor and the RTCT signal. A typical application sums
the buffered RTCT signal with the current sense feedback and
applies the result to the CS pin as shown in Figure 9.
Assuming the designer has selected values for the RC filter (R6
and C4) placed on the CS pin, the value of R9 required to add the
appropriate external ramp can be found by superposition.
The factor of 2.05 in Equation 16 arises from the peak amplitude
of the sawtooth waveform on RTCT minus a base-emitter junction
drop. That voltage multiplied by the maximum duty cycle is the
voltage source for the slope compensation. Rearranging to solve
for R9 yields Equation 17:
The value of RCS determined in Equation 15 must be rescaled so
that the current sense signal presented at the CS pin is that
predicted by Equation 13. The divider created by R6 and R9
makes this necessary.
Example:
VIN = 12V
VO = 48V
Ls = 800µH
Ns/Np = 10
Lp = 8.0µH
IO = 200mA
Switching Frequency, fSW = 200kHz
Duty Cycle, D = 28.6%
R6 = 499Ω
Solve for the current sense resistor, RCS, using Equation 15.
RCS = 295mΩ
Determine the amount of voltage, Ve, that must be added to the
current feedback signal using Equation 12.
Ve = 92.4mV
Using Equation 17, solve for the summing resistor, R9, from CT to
CS.
R9 = 2.67kΩ
Determine the new value of RCS (R’CS) using Equation 18.
R’CS = 350mΩ
Additional slope compensation may be considered for design
margin. The previous discussion determines the minimum
external ramp that is required. The buffer transistor used to
create the external ramp from RTCT should have a sufficiently
high gain (>200) so as to minimize the required base current.
Whatever base current is required reduces the charging current
into RTCT and will reduce the oscillator frequency.
Fault Conditions
A Fault condition occurs if VREF falls below 4.65V. When a Fault
is detected, OUT is disabled. When VREF exceeds 4.80V, the Fault
condition clears and OUT is enabled.
Ground Plane Requirements
Careful layout is essential for satisfactory operation of the device.
A good ground plane must be employed. A unique section of the
ground plane must be designated for high di/dt currents
associated with the output stage. VDD should be bypassed
directly to GND with good high frequency capacitors.
References
[1] Ridley, R., “A New Continuous-Time Model for Current Mode
Control”, IEEE Transactions on Power Electronics, Vol. 6,
No. 2, April 1991.
CS
RTCT
R6
C4
R9
VREF
FIGURE 9. SLOPE COMPENSATION
Ve
2.05D R6
R6 R9
+
----------------------------
=
V
(EQ. 16)
R9
2.05D Ve
–
 R
6
Ve
----------------------------------------------
=
(EQ. 17)
R
CS
R6 R9
+
R9
--------------------- RCS
=
(EQ. 18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com