Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP4381 Datasheet(PDF) 1 Page - InterFET Corporation

Part # SMP4381
Description  N-Channel Silicon Junction Field-Effect Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

SMP4381 Datasheet(HTML) 1 Page - InterFET Corporation

  SMP4381 Datasheet HTML 1Page - InterFET Corporation SMP4381 Datasheet HTML 2Page - InterFET Corporation SMP4381 Datasheet HTML 3Page - InterFET Corporation SMP4381 Datasheet HTML 4Page - InterFET Corporation SMP4381 Datasheet HTML 5Page - InterFET Corporation SMP4381 Datasheet HTML 6Page - InterFET Corporation SMP4381 Datasheet HTML 7Page - InterFET Corporation SMP4381 Datasheet HTML 8Page - InterFET Corporation SMP4381 Datasheet HTML 9Page - InterFET Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
E-2
01/99
Small Outline (Surface Mount) Package Devices
N-Channel Silicon Junction Field-Effect Transistors
SMP3369
– 40
– 1.0
– 1.0
– 30
—
– 6.5
20
1.0
0.5
2.5
30
SMP3369
SMP3370
– 40
– 1.0
– 1.0
– 30
—
– 3.2
20
1.0
0.1
0.6
30
SMP3370
SMP3458
– 50
– 1.0
– 1.0
– 30
—
– 7.8
20
1.0
3.0
15
20
SMP3458
SMP3459
– 50
– 1.0
– 1.0
– 30
—
– 3.4
20
1.0
0.8
4.0
20
SMP3459
SMP3460
– 50
– 1.0
– 1.0
– 30
—
– 1.8
20
1.0
0.2
1.0
20
SMP3460
SMP3819
– 25
– 1.0
– 2.0
– 15
—
– 8.0
15
2.0
2.0
20
15
SMP3819
SMP3821
– 50
– 1.0
– 1.0
– 30
—
– 4.0
10
1.0
0.5
2.5
15
SMP3821
SMP3822
– 50
– 1.0
– 1.0
– 30
—
– 6.0
10
1.0
2.0
10
15
SMP3822
SMP3823
– 30
– 1.0
– 1.0
– 20
—
– 8.0
10
1.0
4.0
20
15
SMP3823
SMP3824
– 50
– 1.0
– 1.0
– 30
—
– 8.0
15
0.5
4.0
20
15
SMP3824
SMP3966
– 30
– 1.0
– 1.0
– 20
– 4.0
– 6.0
10
10
2.0
—
20
SMP3966
SMP3967
– 30
– 1.0
– 1.0
– 20
– 2.0
– 5.0
20
1.0
2.5
10
20
SMP3967
SMP3967A
– 30
– 1.0
– 1.0
– 20
– 2.0
– 5.0
20
1.0
2.5
10
20
SMP3967A
SMP3968
– 30
– 1.0
– 1.0
– 20
—
– 3.0
20
1.0
1.0
5.0
20
SMP3968
SMP3968A
– 30
– 1.0
– 1.0
– 20
—
– 3.0
20
1.0
1.0
5.0
20
SMP3968A
SMP3969
– 30
– 1.0
– 1.0
– 20
—
– 1.7
20
1.0
0.4
2.0
20
SMP3969
SMP3969A
– 30
– 1.0
– 1.0
– 20
—
– 1.7
20
1.0
0.4
2.0
20
SMP3969A
SMP3970
– 40
– 1.0
– 1.0
– 20
– 4.0
– 10
20
1.0
50.0
150
20
SMP3970
SMP3971
– 40
– 1.0
– 1.0
– 20
– 2.0
– 5.0
20
1.0
25.0
75
20
SMP3971
SMP3972
– 40
– 1.0
– 1.0
– 20
– 0.5
– 3.0
20
1.0
5.0
30
20
SMP3972
SMP4091
– 40
– 1.0
– 1.0
– 20
– 5.0
– 10
20
1.0
30.0
—
20
SMP4091
SMP4092
– 40
– 1.0
– 1.0
– 20
– 2.0
– 7.0
20
1.0
15.0
—
20
SMP4092
SMP4093
– 40
– 1.0
– 1.0
– 20
– 1.0
– 5.0
20
1.0
8.0
—
20
SMP4093
SMP4117
– 40
– 1.0
– 0.01
– 20
– 0.6
– 1.8
10
1.0
0.03
0.09
10
SMP4117
SMP4118
– 40
– 1.0
– 0.01
– 20
– 1.0
– 3.0
10
1.0
0.08
0.24
10
SMP4118
SMP4119
– 40
– 1.0
– 0.01
– 20
– 2.0
– 6.0
10
1.0
0.2
0.6
10
SMP4119
SMP4220
– 30
– 10
– 1.0
– 15
—
– 4.0
15
1.0
0.5
3.0
15
SMP4220
SMP4221
– 30
– 10
– 1.0
– 15
—
– 6.3
15
1.0
2.0
6.0
15
SMP4221
SMP4222
– 30
– 10
– 1.0
– 15
—
– 8.0
15
1.0
5.0
15
15
SMP4222
SMP4223
– 30
– 10
– 1.0
– 20
—
– 8.0
15
1.0
3.0
18
15
SMP4223
SMP4224
– 30
– 10
– 1.0
– 20
—
– 8.0
15
1.0
2.0
20
15
SMP4224
SMP4302
– 30
– 1.0
– 1.0
– 15
—
– 4.0
20
10
0.5
5.0
20
SMP4302
SMP4303
– 30
– 1.0
– 1.0
– 15
—
– 6.0
20
10
4.0
10
20
SMP4303
SMP4304
– 30
– 1.0
– 1.0
– 15
—
– 10
20
10
0.5
15
20
SMP4304
SMP4338
– 50
– 1.0
– 1.0
– 30
– 0.3
– 1.0
15
100
0.2
0.6
15
SMP4338
SMP4339
– 50
– 1.0
– 1.0
– 30
– 0.6
– 1.8
15
100
0.5
1.5
15
SMP4339
Electrical Chara
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Device
Type
BV
GSS
I
GSS
V
GS (OFF)
I
DSS
Limits
Conditions
Min
@IG
Max
@VGS
Min
Max
VDS
ID
Min
Max
@VDS
(V)
(µA)
(nA)
(V)
(V)
(V)
(V)
(nA)
(mA)
(mA)
(V)
Databook.fxp
1/13/99 2:09 PM
Page E-2


Similar Part No. - SMP4381

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMP4-RGY ETC2-SMP4-RGY Datasheet
1Mb / 5P
PLCC4 SMD Top View Package LED SMP4-RGY, RED/GREEN/YELLOW
SMP4-RYB ETC2-SMP4-RYB Datasheet
1Mb / 5P
PLCC4 SMD Top View Package LED SMP4-RYB, RED/YELLOW/BLUE
logo
Infinite Electronics In...
SMP4003 FAIRVIEW-SMP4003 Datasheet
28Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM 1.00"
REV A
SMP4003A FAIRVIEW-SMP4003A Datasheet
27Kb / 1P
2.92 FS 30 PHASESHIFTERS 18-40 GHZ
logo
Seme LAB
SMP400G-BA SEME-LAB-SMP400G-BA Datasheet
56Kb / 2P
P.I.N. PHOTODIODE
More results

Similar Description - SMP4381

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF246A PHILIPS-BF246A Datasheet
37Kb / 5P
N-channel silicon junction field-effect transistors
1996 Jul 29
BF545A PHILIPS-BF545A Datasheet
100Kb / 12P
N-channel silicon junction field-effect transistors
1996 Jul 29
BF556A PHILIPS-BF556A Datasheet
100Kb / 11P
N-channel silicon junction field-effect transistors
1996 Jul 29
logo
Siemens Semiconductor G...
BF245A SIEMENS-BF245A Datasheet
178Kb / 7P
N-Channel junction field-Effect Transistors
BF246A SIEMENS-BF246A Datasheet
127Kb / 6P
N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
logo
Micro Electronics
2N5484 MICRO-ELECTRONICS-2N5484 Datasheet
150Kb / 1P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTORS
J111 MICRO-ELECTRONICS-J111 Datasheet
45Kb / 1P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4117 NJSEMI-2N4117 Datasheet
173Kb / 1P
N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
2N5398 NJSEMI-2N5398 Datasheet
162Kb / 1P
N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
2N5457 NJSEMI-2N5457 Datasheet
113Kb / 1P
SILICON N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com