Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3CSFP82-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # 3CSFP82-C
Description  3CSFP82 3COM Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

3CSFP82-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  3CSFP82-C Datasheet HTML 1Page - ATGBICS by Approved Technology 3CSFP82-C Datasheet HTML 2Page - ATGBICS by Approved Technology 3CSFP82-C Datasheet HTML 3Page - ATGBICS by Approved Technology 3CSFP82-C Datasheet HTML 4Page - ATGBICS by Approved Technology 3CSFP82-C Datasheet HTML 5Page - ATGBICS by Approved Technology 3CSFP82-C Datasheet HTML 6Page - ATGBICS by Approved Technology 3CSFP82-C Datasheet HTML 7Page - ATGBICS by Approved Technology 3CSFP82-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ 3CSFP82-C_V1
Page 1 of 8
Product Datasheet
3CSFP82-C
3COM® Compatible 155Mb/s SFP Transceiver
Hot Pluggable, Duplex LC, +3.3V, 1310nm, FP-LD SMF 20km DOM 0 ~ 70°C
FEATURES
•
Up to 155Mb/s Data Links
•
Hot-Pluggable
•
Duplex LC connector
•
Up to 20km on 9/125μm SMF
•
1310nm FP laser transmitter
•
Single +3.3V Power Supply
•
Low power dissipation <1W typically
•
Temperature Range: 0 ~ 70°C
•
RoHS compliant and Lead Free
APPLICATIONS
• SONET OC-3/SDH STM-1
• Fast Ethernet
• Other Optical Links
DESCRIPTION
ATGBICS® Compatible GLC-FE-100LX
is a high-performance, cost-effective module which have a duplex LC
optics interface. Standard AC coupled CML for high-speed signal and LVTTL control and monitor signals.
The receiver section uses a PIN receiver, and the transmitter uses a 1310nm FP laser, up to 19dB link budge
ensures this module SONET OC-3/SDH STM-1 20km application.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Storage Temperature
TS
-40
+85
°C
Supply Voltage
VCC
-0.5
4
V
Relative Humidity
RH
0
85
%


Similar Part No. - 3CSFP82-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
3CSFP81-C ATGBICS-3CSFP81-C Datasheet
339Kb / 10P
3CSFP81 3COM Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
More results

Similar Description - 3CSFP82-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
10066-C ATGBICS-10066-C Datasheet
294Kb / 8P
10066 Extreme Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
100BASE-FX-SM-SFP-C ATGBICS-100BASE-FX-SM-SFP-C Datasheet
295Kb / 8P
100BASE-FX-SM-SFP Huawei Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
2315205-C ATGBICS-2315205-C Datasheet
294Kb / 8P
2315205 Huawei Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
3CSFP92-C ATGBICS-3CSFP92-C Datasheet
322Kb / 9P
3CSFP92 3COM Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
3HE04524AA-C ATGBICS-3HE04524AA-C Datasheet
294Kb / 8P
3HE04524AA Alcatel Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
ADB0047-C ATGBICS-ADB0047-C Datasheet
294Kb / 8P
ADB0047 Vertiv Avocent Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
EX-SFP-1FE-LX-C ATGBICS-EX-SFP-1FE-LX-C Datasheet
294Kb / 8P
EX-SFP-1FE-LX Juniper Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
JD120B-C ATGBICS-JD120B-C Datasheet
294Kb / 8P
JD120B H3C Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
JF832A-C ATGBICS-JF832A-C Datasheet
293Kb / 8P
JF832A HPE Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
MFELX1-C ATGBICS-MFELX1-C Datasheet
339Kb / 10P
MFELX1 Cisco Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com