Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC115A Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # PC115A
Description  SILICON ABRUPT TUNING VARACTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

PC115A Datasheet(HTML) 1 Page - Advanced Semiconductor

  PC115A Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TA = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
IR
VR = 100 V
5.0
µµµµA
CT4
VR = 4.0 V
f = 1.0 MHz
10
pF
∆∆∆∆C
T
VR = 0.5 V / VR = 100 V
f = 1.0 MHz
7.7
pF
Q
VR = 4.0V
f = 50 MHz
100
SILICON ABRUPT TUNING VARACTOR
PC115A
DESCRIPTION:
The
ASI PC115A is a Silicon
Abrupt Tuning Varactor Diode
Designed for electronic tuning and
harmonic generator applications.
MAXIMUM RATINGS
IF
40 mA
VF
1.0 V
VR
100 V
CT
± 10 %
PDISS
400 mW @ TA = 25 °C
TJ
-65 °C to +150 °C
TSTG
-65 °C to +150 °C
PACKAGE STYLE DO-7


Similar Part No. - PC115A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC11.07.0100A TAOGLAS-PC11.07.0100A Datasheet
320Kb / 10P
IPEX MHF Connector
PC11.09.0100A TAOGLAS-PC11.09.0100A Datasheet
344Kb / 10P
RoHS Compliant
logo
Sharp Corporation
PC110 SHARP-PC110 Datasheet
98Kb / 6P
Long Creepage Distance Type Photocoupler
logo
Multicomp Pro
PC1105LT MULTICOMP-PC1105LT Datasheet
349Kb / 1P
PCB Terminals
26/08/20 V1.0
logo
List of Unclassifed Man...
PC11070100A ETC2-PC11070100A Datasheet
259Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
More results

Similar Description - PC115A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1863D ASI-MV1863D Datasheet
15Kb / 1P
SILICON ABRUPT TUNING VARACTOR DIODE
REV. A
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6019-10 ASI-AT6019-10 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6021M ASI-AT6021M Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT9017-10 ASI-AT9017-10 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
MA45334 ASI-MA45334 Datasheet
20Kb / 1P
SILICON ABRUPT TUNING VARACTOR DIODE
MA45851 ASI-MA45851 Datasheet
22Kb / 1P
SILICON ABRUPT TUNING VARACTOR DIODE
logo
M/A-COM Technology Solu...
MTV4030-X MA-COM-MTV4030-X Datasheet
576Kb / 5P
Silicon Abrupt Tuning Varactor Diodes
MTV4045-X MA-COM-MTV4045-X Datasheet
673Kb / 6P
Silicon Abrupt Tuning Varactor Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com