Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET4201-RJ45-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # ET4201-RJ45-C
Description  ET4201-RJ45 Edgecore Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

ET4201-RJ45-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  ET4201-RJ45-C Datasheet HTML 1Page - ATGBICS by Approved Technology ET4201-RJ45-C Datasheet HTML 2Page - ATGBICS by Approved Technology ET4201-RJ45-C Datasheet HTML 3Page - ATGBICS by Approved Technology ET4201-RJ45-C Datasheet HTML 4Page - ATGBICS by Approved Technology ET4201-RJ45-C Datasheet HTML 5Page - ATGBICS by Approved Technology ET4201-RJ45-C Datasheet HTML 6Page - ATGBICS by Approved Technology ET4201-RJ45-C Datasheet HTML 7Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ET4201-RJ45-C_V1
Page 1 of 7
Product Datasheet
ET4201-RJ45-C
Edgecore® Compatible 10/100/1000Base-T SFP Copper
Transceiver
Hot Pluggable, 1.25Gb/s, Cat-5 UTP Cable, 100m
FEATURES
• Up to 1.25Gb/s bi-directional data links
• 10/100/1000BASE-T auto negotiation
• Hot-pluggable SFP footprint
• Fully metallic enclosure for low EMI
• Low power dissipation
• Compact RJ-45 connector assembly
• Detailed product information in EEPROM
• +3.3V single power supply
• Access to physical layer IC via 2-wire serial bus
• 10/100/1000 BASE-T operation in host systems with SGMII interface
• Compliant with SFP MSA
• Compliant with IEEE Std 802.3TM-2002
• Compliant with FCC 47 CFR Part 15, Class B
• RoHS Compliant Products
APPLICATIONS
• 1.25 Gigabit Ethernet over Cat 5 cable
• Switch/Router to Switch/Router Link
• High speed I/O for file severs
DESCRIPTION
ATGBICS® Compatible
ET4201-RJ45-C 10/100/1000BASE-T copper SFP transceiver is high-performance,
cost-effective module compliant with the Gigabit Ethernet and 10/100/1000BASE-T standards as specified in
IEEE 802. 3-2002 and IEEE 802.3ab, which supporting 10/100/1000Mbps data- rate up to 100 meters reach
over unshielded twisted-pair category 5 cable. The ET4201-RJ45-C supports 10/100/1000 Mbps full duplex
datalinks with 5-level Pulse Amplitude Modulation (PAM) signals. All four pairs in the cable are used with
symbol rate at 250Mbps on each pair. The ET4201-RJ45-C provides standard serial ID information compliant
with SFP MSA, which can be accessed with address of A0h via the 2-wire serial CMOS EEPROM protocol.
The physical IC can also be accessed via 2-wire serial bus at address ACh.


Similar Part No. - ET4201-RJ45-C

ManufacturerPart #DatasheetDescription
logo
Edgecore Networks Corpo...
ET4201-LHX EDGE-CORE-ET4201-LHX Datasheet
2Mb / 6P
L2/L3 Lite Gigabit Ethernet CSFP Switch with 4 10G and 2 20G Uplinks
ET4201-LX EDGE-CORE-ET4201-LX Datasheet
2Mb / 6P
L2/L3 Lite Gigabit Ethernet CSFP Switch with 4 10G and 2 20G Uplinks
logo
ATGBICS by Approved Tec...
ET4201-LX-C ATGBICS-ET4201-LX-C Datasheet
322Kb / 9P
ET4201-LX Edgecore Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Edgecore Networks Corpo...
ET4201-SX EDGE-CORE-ET4201-SX Datasheet
2Mb / 6P
L2/L3 Lite Gigabit Ethernet CSFP Switch with 4 10G and 2 20G Uplinks
logo
ATGBICS by Approved Tec...
ET4201-SX-C ATGBICS-ET4201-SX-C Datasheet
293Kb / 8P
ET4201-SX Edgecore Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results

Similar Description - ET4201-RJ45-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
10065-C ATGBICS-10065-C Datasheet
184Kb / 7P
10065 Extreme Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
88Y6058-C ATGBICS-88Y6058-C Datasheet
195Kb / 7P
88Y6058 IBM Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
88Y6833-C ATGBICS-88Y6833-C Datasheet
195Kb / 7P
88Y6833 IBM Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
8T47V-C ATGBICS-8T47V-C Datasheet
184Kb / 7P
8T47V Dell Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1000T-C ATGBICS-SFP-1000T-C Datasheet
195Kb / 7P
SFP-1000T ZyXEL Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-100M-COPPER-C ATGBICS-SFP-100M-COPPER-C Datasheet
195Kb / 7P
SFP-100M-COPPER Lantronix Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1G-T-C ATGBICS-SFP-1G-T-C Datasheet
185Kb / 7P
SFP-1G-T Arista Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-9G-C ATGBICS-SFP-9G-C Datasheet
195Kb / 7P
SFP-9G Rad Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-GE-RJ45-C ATGBICS-SFP-GE-RJ45-C Datasheet
195Kb / 7P
SFP-GE-RJ45 ZTE Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-GIG-T-C ATGBICS-SFP-GIG-T-C Datasheet
185Kb / 7P
SFP-GIG-T Alcatel Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com