Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5-UPG-SFPC-R-C Datasheet(PDF) 5 Page - ATGBICS by Approved Technology

Part # F5-UPG-SFPC-R-C
Description  F5-UPG-SFPC-R F5 Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

F5-UPG-SFPC-R-C Datasheet(HTML) 5 Page - ATGBICS by Approved Technology

  F5-UPG-SFPC-R-C Datasheet HTML 1Page - ATGBICS by Approved Technology F5-UPG-SFPC-R-C Datasheet HTML 2Page - ATGBICS by Approved Technology F5-UPG-SFPC-R-C Datasheet HTML 3Page - ATGBICS by Approved Technology F5-UPG-SFPC-R-C Datasheet HTML 4Page - ATGBICS by Approved Technology F5-UPG-SFPC-R-C Datasheet HTML 5Page - ATGBICS by Approved Technology F5-UPG-SFPC-R-C Datasheet HTML 6Page - ATGBICS by Approved Technology F5-UPG-SFPC-R-C Datasheet HTML 7Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_F5-UPG-SFPC-R-C_V1
Page 5 of 7
Product Datasheet
Host-SFP
Parameter
Symbol
Min.
Typical
Max.
Units
Notes/Conditions
Single ended data
input swing
Vinsing
250
1200
mV
Single ended
Single ended data
output swing
Voutsing
350
100
800
mV
Single ended
Rise/Fall Time
Tr,Tf
175
psec
20%-80%
Tx Input Impedance
Zin
50
Ohm
Single ended
Rx Output Impedance
Zout
50
Ohm
Single ended
Table 5. High-speed electrical interface, host-SFP
General Specifications
Parameter
Symbol
Min.
Typical
Max.
Units
Notes/Conditions
Data Rate
BR
10
1,000
Mb/s
IEEE 802.3 compatible.
Cable Length
L
100
m
Category 5 UTP. BER <10-12
Table 6. General specifications
Notes:
1. Clock tolerance is +/- 50 ppm
2. By default, the F5-UPG-SFPC-R-C is a full duplex device in preferred master mode
3. Automatic crossover detection is enabled. External crossover cable is not required
4. 10/100/1000 BASE-T operation requires the host system to have an SGMII interface
with no clocks, with a SERDES that does not support SGMII, the module will operate at 1000BASE-T only.
Environmental Specifications
The F5-UPG-SFPC-R-C has a commercial operating range from 0°C to +70°C case temperature as
specified below.
Parameter
Symbol
Min.
Typical
Max.
Units
Notes/Conditions
Operating
Temperature
Top
0
70
°C
Case temperature
Storage
Temperature
Tsto
-40
100
°C
Ambient temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com