Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNPWE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TNPWE3
Description  High Stability Thin Film Flat Chip Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPWE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  TNPWE3 Datasheet HTML 1Page - Vishay Siliconix TNPWE3 Datasheet HTML 2Page - Vishay Siliconix TNPWE3 Datasheet HTML 3Page - Vishay Siliconix TNPWE3 Datasheet HTML 4Page - Vishay Siliconix TNPWE3 Datasheet HTML 5Page - Vishay Siliconix TNPWE3 Datasheet HTML 6Page - Vishay Siliconix TNPWE3 Datasheet HTML 7Page - Vishay Siliconix TNPWE3 Datasheet HTML 8Page - Vishay Siliconix TNPWE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TNPW e3
www.vishay.com
Vishay
Revision: 23-Sep-2021
4
Document Number: 28758
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) 1000 pieces packaging is available only for precision resistors with tolerance ± 0.1 % and temperature coefficient
≤ ± 25 ppm/K
(2) 20 000 pieces packaging is available only for resistors with TCR ± 25 ppm/K and ± 50 ppm/K
Note
• The product can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING
STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
TNPW0201 e3
ET2 = EI
5000
Paper tape according
IEC 60286-3, Type 1a
8 mm
2 mm
Ø 180 mm / 7"
ET7 = ED
10 000
TNPW0402 e3
EP1 = EP
1000 (1)
ET2 = EI
5000
ET7 = ED
10 000
TNPW0603 e3
TNPW0805 e3
TNPW1206 e3
TNPW1210 e3
E52 = EN
1000 (1)
4 mm
Ø 180 mm / 7"
ET1 = EA
5000
ET6 = EC (2)
20 000
4 mm
Ø 330 mm / 13"
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: TNPW12061K32DEEA
TYPE / SIZE
RESISTANCE
TOLERANCE
TCR
PACKAGING
SPECIAL
TNPW0201
TNPW0402
TNPW0603
TNPW0805
TNPW1206
TNPW1210
R = decimal
K = thousand
M = million
(4 digits)
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
H = ± 50 ppm/K
E = ± 25 ppm/K
X = ± 15 ppm/K
Y = ± 10 ppm/K
ED
EP
EI
EN
EA
EC
(E.. = lead-free)
Up to 2 digits
Blank = standard
0H = single lot date
code
Product Description: TNPW1206 1K32 0.5 % T-9 ET1 e3
TNPW1206
1K32
0.5 %
T-9
ET1
e3
TYPE / SIZE
RESISTANCE
TOLERANCE
TCR
PACKAGING
LEAD (Pb)-FREE
TNPW0201
TNPW0402
TNPW0603
TNPW0805
TNPW1206
TNPW1210
54R1 = 54.1
Ω
1K32 = 1320
Ω
± 0.1 %
± 0.5 %
± 1.0 %
T-2 = ± 50 ppm/K
T-9 = ± 25 ppm/K
T-10 = ± 15 ppm/K
T-13 = ± 10 ppm/K
ET7
EP1
ET2
E52
ET1
ET6
(E.. = lead-free)
e3 = pure matte tin
termination finish
BV 20545 = single
lot date code
TW
1
2
0
P
N
6
1
K
32D
E
E
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com