Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLC-FE-100FX-RGD-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # GLC-FE-100FX-RGD-C
Description  GLC-FE-100FX-RGD Cisco Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM, Ind Temp)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

GLC-FE-100FX-RGD-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  GLC-FE-100FX-RGD-C Datasheet HTML 1Page - ATGBICS by Approved Technology GLC-FE-100FX-RGD-C Datasheet HTML 2Page - ATGBICS by Approved Technology GLC-FE-100FX-RGD-C Datasheet HTML 3Page - ATGBICS by Approved Technology GLC-FE-100FX-RGD-C Datasheet HTML 4Page - ATGBICS by Approved Technology GLC-FE-100FX-RGD-C Datasheet HTML 5Page - ATGBICS by Approved Technology GLC-FE-100FX-RGD-C Datasheet HTML 6Page - ATGBICS by Approved Technology GLC-FE-100FX-RGD-C Datasheet HTML 7Page - ATGBICS by Approved Technology GLC-FE-100FX-RGD-C Datasheet HTML 8Page - ATGBICS by Approved Technology GLC-FE-100FX-RGD-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_GLC-FE-100FX-RGD-C_V2
Page 1 of 10
Product Datasheet
GLC-FE-100FX-RGD-C
Cisco® Compatible 155Mb/s SFP Transceiver
Hot Pluggable, Duplex LC, +3.3V, 1310nm, FP MMF 2km -40 ~ 85°C DDM
FEATURES
• Up to 155Mb/s Data Links
• Hot-Pluggable
• Duplex LC connector
• Up to 2 km on 50/125μm MMF
• 1310nm FP laser transmitter
• Single +3.3V Power Supply
• Low power dissipation <1W typically
• Industrial operating temperature range: -40°C ~ 85°C
• RoHS compliant and Lead Free
APPLICATIONS
• SONET OC-3/SDH STM-1
• Fast Ethernet
• Other Optical Links
DESCRIPTION
ATGBICS GLC-FE-100FX-RGD-C Transceiver is a high-performance, cost-effective module which have a duplex
LC optics interface. Standard AC coupled CML for high-speed signal and LVTTL control and monitor signals. The
receiver section uses a PIN receiver and the transmitter uses a 1310nm FP laser, up to 17dB link budge ensure
this module SONET OC-3/SDH STM-1 2Km application.


Similar Part No. - GLC-FE-100FX-RGD-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
GLC-FE-100FX-C ATGBICS-GLC-FE-100FX-C Datasheet
319Kb / 10P
GLC-FE-100FX Cisco Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
More results

Similar Description - GLC-FE-100FX-RGD-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
100BASE-FX-MM-SFP-C ATGBICS-100BASE-FX-MM-SFP-C Datasheet
340Kb / 10P
100BASE-FX-MM-SFP Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
AFBR-57B4APZC-C ATGBICS-AFBR-57B4APZC-C Datasheet
339Kb / 10P
AFBR-57B4APZC Avago Broadcom Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM, Ind Temp)
AFBR-57E6APZ-C ATGBICS-AFBR-57E6APZ-C Datasheet
339Kb / 10P
AFBR-57E6APZ Avago Broadcom Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM, Ind Temp)
E1MG-100FX-C ATGBICS-E1MG-100FX-C Datasheet
339Kb / 10P
E1MG-100FX Foundry Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
GLC-FE-100FX-C ATGBICS-GLC-FE-100FX-C Datasheet
319Kb / 10P
GLC-FE-100FX Cisco Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
LFP402-C ATGBICS-LFP402-C Datasheet
339Kb / 10P
LFP402 Blackbox Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
MFEFX1-C ATGBICS-MFEFX1-C Datasheet
339Kb / 10P
MFEFX1 Cisco SMB Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
SFP-100FX-2-C ATGBICS-SFP-100FX-2-C Datasheet
340Kb / 10P
SFP-100FX-2 ZyXEL Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
SFP-FE-SX-MM1310-C ATGBICS-SFP-FE-SX-MM1310-C Datasheet
340Kb / 10P
SFP-FE-SX-MM1310 Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
SFP-OC3-MM-C ATGBICS-SFP-OC3-MM-C Datasheet
340Kb / 10P
SFP-OC3-MM Cisco Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com