Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLC-ZX-SMD-RGD-C Datasheet(PDF) 5 Page - ATGBICS by Approved Technology

Part # GLC-ZX-SMD-RGD-C
Description  GLC-ZX-SMD-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

GLC-ZX-SMD-RGD-C Datasheet(HTML) 5 Page - ATGBICS by Approved Technology

  GLC-ZX-SMD-RGD-C Datasheet HTML 1Page - ATGBICS by Approved Technology GLC-ZX-SMD-RGD-C Datasheet HTML 2Page - ATGBICS by Approved Technology GLC-ZX-SMD-RGD-C Datasheet HTML 3Page - ATGBICS by Approved Technology GLC-ZX-SMD-RGD-C Datasheet HTML 4Page - ATGBICS by Approved Technology GLC-ZX-SMD-RGD-C Datasheet HTML 5Page - ATGBICS by Approved Technology GLC-ZX-SMD-RGD-C Datasheet HTML 6Page - ATGBICS by Approved Technology GLC-ZX-SMD-RGD-C Datasheet HTML 7Page - ATGBICS by Approved Technology GLC-ZX-SMD-RGD-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_GLC-ZX-SMD-RGD_V1
Page 5 of 8
Product Datasheet
Pin Function Definitions
PIn
Name
Function
Plug Seq
Notes
1
VeeT
Transmitter Ground
1
1
2
TX Fault
Transmitter Fault Indication
3
3
TX Disable
Transmitter Disable
3
2
4
MOD-DEF2
Module Definition
2
3
5
MOD-DEF1
Module Definition 1
3
3
6
MOD-DEF0
Module Definition 0
3
3
7
Rate Select
Not Connected
3
4
8
LOS
Loss of Signal
3
5
9
VeeR
Receiver Ground
1
1
10
VeeR
Receiver Ground
1
1
11
VeeR
Receiver Ground
1
12
RD-
Inv. Received Data Out
3
6
13
RD+
Received Data Out
3
6
14
VeeR
Receiver Ground
3
1
15
VccR
Receiver Power
2
1
16
VccT
Transmitter Power
2
17
VeeT
Transmitter Ground
1
18
TD+
Transmit Data In
3
6
19
TD-
Inv. Transmit In
3
6
20
VeeT
Transmitter Ground
1
Notes:
1. Circuit ground is internally isolated from chassis ground.
2. Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V.
3. Should be pulled up with 4.7k - 10 kohms on host board to a voltage between 2.0V and 3.6V.
MOD_DEF(0) pulls line low to indicate module is plugged in.
4. Rate select is not used
5. LOS is open collector output. Should be pulled up with 4.7k – 10 kohms on host board to a voltage
between 2.0V and 3.6V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
6. AC Coupled
SFP Module EEPROM Information and Management
The SFP modules implement the 2-wire serial communication protocol as defined in the SFP -8472. The serial
ID information of the SFP modules can be accessed through the I2C interface at address A0h.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com