Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSWM3STK-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # LSWM3STK-C
Description  LSWM3STK H3C Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

LSWM3STK-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  LSWM3STK-C Datasheet HTML 1Page - ATGBICS by Approved Technology LSWM3STK-C Datasheet HTML 2Page - ATGBICS by Approved Technology LSWM3STK-C Datasheet HTML 3Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ LSWM3STK-C_V1
Page 1 of 3
Product Datasheet
LSWM3STK-C
H3C® Compatible 10Gb/s SFP+ Direct Attach Cable
Copper, Passive, 3m
FEATURES
• Available lengths 0.5m to 10m
• Supports multi-gigabit data rates up to 10.5Gbps
• Supports 1x, 2x, 4x and 8x Fiber Channel data rates
• Hot-pluggable SFP 20PIN footprint
• Serial ID module on MOD (0-2)
• AC coupling of PECL signals
• EMI/EMC performance
• Low Power Consumption < 0.5W
• Power Supply:+3.3V
• Compliant to SFP+ MSA
• Temperature Range: 0~ 70 °C
• ROHS
APPLICATIONS
• Storage Area Networks (SAN), Network Attached Storage and Storage Servers
• 1G/2G/4G/8G Fiber Channel
• Switched fabric I/O such as ultra-high bandwidth switches and routers
• Data center cabling infrastructure
• High density connections among network equipment
STANDARDS
• Compliant with SFP MSA (INF-8074i)
DESCRIPTION
ATGBICS Compatible LSWM3STK-C SFP+ cable is a high-performance, cost effective I/O solution for 10Gb
Ethernet and 10G Fiber Channel applications. SFP+ copper modules allow hardware manufacturers to
achieve high port density, configurability and utilization at a very low cost and to reduce power budget. The
high-speed cable assemblies meet and exceed the performance and reliability requirements stipulated by
Gigabit Ethernet and Fiber Channel industry standard.


Similar Part No. - LSWM3STK-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSWM322522 ETC2-LSWM322522 Datasheet
24Kb / 1P
Wound Molded Chip Inductor
More results

Similar Description - LSWM3STK-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
CAB-SFP-3M-C ATGBICS-CAB-SFP-3M-C Datasheet
166Kb / 3P
CAB-SFP-3M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
DAC-SFP-10G-3M-C ATGBICS-DAC-SFP-10G-3M-C Datasheet
152Kb / 3P
DAC-SFP-10G-3M Dell Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
DAC10G-3M-C ATGBICS-DAC10G-3M-C Datasheet
151Kb / 3P
DAC10G-3M ZyXEL Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
JD096B-C ATGBICS-JD096B-C Datasheet
152Kb / 3P
JD096B H3C Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
LSTM1STK-C ATGBICS-LSTM1STK-C Datasheet
151Kb / 3P
LSTM1STK H3C Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
LSTM2STK-C ATGBICS-LSTM2STK-C Datasheet
151Kb / 3P
LSTM2STK H3C Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (7m, Passive)
LSWM1STK-C ATGBICS-LSWM1STK-C Datasheet
151Kb / 3P
LSWM1STK H3C Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (0.5m, Passive)
LSWM2STK-C ATGBICS-LSWM2STK-C Datasheet
151Kb / 3P
LSWM2STK H3C Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
LSWM4STK-C ATGBICS-LSWM4STK-C Datasheet
151Kb / 3P
LSWM4STK H3C Compatible Direct Attach Copper Twinax Cable, 10G SFP Cu (10m, Passive)
SFP-10G-CU3M-C ATGBICS-SFP-10G-CU3M-C Datasheet
152Kb / 3P
SFP-10G-CU3M Huawei Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com