Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPU9D25 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CPU9D25
Description  INVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CPU9D25 Datasheet(HTML) 1 Page - Sumida Corporation

  CPU9D25 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INVERTER
8
1. Low profile CCFL driving inverter transformer for 0.5
∼ 3.0 inch
LCD monitor.
2. Metal Shielding prevents magnetic leakage.
1. 0.5∼3.0インチ小型LCDモニタに対応した低背型CCFL駆動用インバータトランス。
2. 磁気シールドにより漏れ磁束を防ぐ構造です。
K Specifications
Product Type
Frequency Range Max. Open Voltage Max. Lamp Wattage
CPU9D25
60kHz~140kHz
750Vrms
1.5W
CPU93
50kHz~110kHz
850Vrms
2.0W
M OUTLINE/概要
1. Small / low profile
CPU9D25 H:2.8mm Max, CPU93 H:3.5mm Max
2. High efficiency is achieved by magnetic shielding.
3. Higher safety is achieved by covering the winding portion.
4. Winding terminals and user terminals are separated to prevent the
wirefrom breaking.
5. Reflow soldering is permitted.
1. 小型/低背です。
2. 磁気シールドによる閉磁構造により効率がよい。(当社比)
3. 巻き線露出部を無くし、安全性を向上。
4. 断線対策として、二次側絡げ端子とユーザー端子を分割。
5. リフローはんだ対応可。
M FEATURES/特徴
K Specifications
Product Type
Frequency Range Max. Open Voltage Max. Lamp Wattage
CPU9D25B
60kHz~140kHz
750Vrms
1.5W
K 仕様
品名
適応周波数
最大開放電圧
最大管電力
CPU9D25B
60kHz~140kHz
750Vrms
1.5W
K 仕様
品名
適応周波数
最大開放電圧
最大管電力
CPU9D25
60kHz~140kHz
750Vrms
1.5W
CPU93
50kHz~110kHz
850Vrms
2.0W
15.3
5.9
5.4
2.0
2.0
Slit
4-R1.0
2-R0.2
4-1.5
6.0
2.8
0.5
0.5
0.45
0.2(HOOP)
2.3MAX.
2.7MAX.
10.2MAX.
CPU9D25B
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
14.0
10.0
2.0
2.0
3.0
4.0
Slit
H
13.8MAX.
10.1
CPU9D25
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CPU93
H=2.8mm MAX (CPU9D25)
H=3.5mm MAX (CPU93)
◆ APPLICATION
1. Small LCD panel
(1.5∼3.0inch)
2. Digital camera
3. PDA
◆用途
1. 小型液晶パネル(1.5∼3.0 inch)
2. デジタルカメラ
3. PDA


Similar Part No. - CPU9D25

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CPU9D25 SUMIDA-CPU9D25 Datasheet
152Kb / 1P
INVERTER TRANSFORMERS
More results

Similar Description - CPU9D25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
INVERTER
logo
Toshiba Semiconductor
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
INVERTER
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
Inverter
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
INVERTER
logo
Renesas Technology Corp
RJP1CS04DWA RENESAS-RJP1CS04DWA_15 Datasheet
114Kb / 4P
Inverter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com