Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPUL236 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CPUL236
Description  INVERTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CPUL236 Datasheet(HTML) 1 Page - Sumida Corporation

  CPUL236 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INVERTER
15
1.6
1.6
2.0
2.75 2.75 2.75 2.75 2.75 2.75
16.5
Slit
24.5MAX.
7.0MAX.
0.35
1.0
1.0
6-2.75
16.5
CPUL236
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
1.6
1.6
6-3.0
9.3
9.3
4.5
9.3 4.5 9.3
29.6
11
10
9
8
17
5.7MAX.
7-0.8
6-3.0
4-0.7
CPUDL294
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
6-3.0
1.8
1.8
10.9
10.9
5.0
32.9MAX.
17
8.5MAX.
4-1.0
7-1.2
6-3.0
10.9
10.9
5.0
11
10 9
8
CPUDL328
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
1. The leakage transformer has a special core that allows for co-axial
winding.
2. Suitable for large LCD panel ,and complies to customer needs of
high open voltage and high lamp wattage.
3. Slim type Inverter transformer corresponding to multiple CCFL
lamps driving for large LCD TV application.
1. 独自の磁気構造とコアキシャル(同軸)巻き線を採用したリーケージ型インバータトラ
ンス。
2. 大型液晶パネルに最適で、高開放電圧・高管電力に対応。
3. 大型液晶モニタ(TV)バックライト電源の多灯点灯に対応したインバータトランスです。
K Specifications
Product Type
Frequency Range Max. Open Voltage Max. Lamp Wattage
CPUL236
40kHz~100kHz
1,500Vrms
7.5W
1,800Vrms, 3 sec
M OUTLINE/概要
K Specifications
Product Type
Frequency Range Max. Open Voltage Max. Lamp Wattage
CPUDL294
35kHz~70kHz
1,500Vrms
3W 2
1,800Vrms, 3 sec
K 仕様
品名
適応周波数
最大開放電圧
最大管電力
CPUDL294
35kHz~70kHz
1,500Vrms
3W 2
1,800Vrms, 3 sec
K 仕様
品名
適応周波数
最大開放電圧
最大管電力
CPUL236
40kHz~100kHz
1,500Vrms
7.5W
1,800Vrms, 3 sec
K Specifications
Product Type
Frequency Range Max. Open Voltage Max. Lamp Wattage
CPUDL328
40kHz~65kHz
1,500Vrms
6W 2
1,800Vrms, 3 sec
K 仕様
品名
適応周波数
最大開放電圧
最大管電力
CPUDL328
40kHz~65kHz
1,500Vrms
6W 2
1,800Vrms, 3 sec


Similar Part No. - CPUL236

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-111-10 ETC2-CPU-111-10 Datasheet
375Kb / 3P
OpenVPX Compatible Quad Core Intel Xeon Integrated 12-port 10Gb Ethernet Switch
logo
Infineon Technologies A...
CPU-13A-V1 INFINEON-CPU-13A-V1 Datasheet
1Mb / 18P
XMC1300 (ARM® CortexTM -M0 based) Microcontroller, TSSOP38
Revision 2.0, 2013-12-18
logo
List of Unclassifed Man...
CPU-1440 ETC2-CPU-1440 Datasheet
328Kb / 2P
Vortex86DX processor at 600MHz x86 compatibility
CPU-1452 ETC2-CPU-1452 Datasheet
212Kb / 3P
Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
CPU-1454 ETC2-CPU-1454 Datasheet
213Kb / 3P
Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
More results

Similar Description - CPUL236

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
INVERTER
logo
Toshiba Semiconductor
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
INVERTER
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
Inverter
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
INVERTER
logo
Renesas Technology Corp
RJP1CS04DWA RENESAS-RJP1CS04DWA_15 Datasheet
114Kb / 4P
Inverter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com