Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFDOM40KR096 Datasheet(PDF) 30 Page - Hanbit Electronics Co.,Ltd

Part # HFDOM40KR096
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HFDOM40KR096 Datasheet(HTML) 30 Page - Hanbit Electronics Co.,Ltd

Back Button HFDOM40KR096 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd HFDOM40KR096 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd HFDOM40KR096 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd HFDOM40KR096 Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd HFDOM40KR096 Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd HFDOM40KR096 Datasheet HTML 27Page - Hanbit Electronics Co.,Ltd HFDOM40KR096 Datasheet HTML 28Page - Hanbit Electronics Co.,Ltd HFDOM40KR096 Datasheet HTML 29Page - Hanbit Electronics Co.,Ltd HFDOM40KR096 Datasheet HTML 30Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
HANBit
HFDOM40KRxxx
URL:www.hbe.co.kr
30 / 30
HANBit Electronics Co., Ltd.
Rev. 1.2 (Decemver. 2003)
Write Buffer
V
V
V
V
V
Write Long Sector
V
V
V
V
V
V
Write Multiple
V
V
V
V
V
V
V
Write Multiple w/o Erase
V
V
V
V
V
V
V
Write Sector(s)
V
V
V
V
V
V
V
Write Sector(s) w/o
Erase
V
V
V
V
V
V
V
Write Verify Sector(s)
V
V
V
V
V
V
V
Invalid Command Code
V
V
V
V
V
V = Valid on this command
Ordering Infomation
NO
Parts
Capacity
Media transfer
mode
Operation
Mode
1
DOM40KR016
16Mbyte
BYTE
True IDE
2
DOM40KR0032
32Mbyte
BYTE
True IDE
3
DOM40KR064
64Mbyte
BYTE
True IDE
4
DOM40KR096
96Mbyte
BYTE
True IDE
5
DOM40KR128
128Mbyte
BYTE
True IDE
6
DOM40KR192
192Mbyte
BYTE
True IDE
7
DOM40KR256
256Mbyte
BYTE
True IDE
8
DOM40KR384
384Mbyte
BYTE
True IDE
9
DOM40KR512
512Mbyte
BYTE
True IDE
10
DOM40KR1G
1Gbyte
BYTE
True IDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com