Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-RJ01-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # S-RJ01-C
Description  S-RJ01 MikroTik Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

S-RJ01-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  S-RJ01-C Datasheet HTML 1Page - ATGBICS by Approved Technology S-RJ01-C Datasheet HTML 2Page - ATGBICS by Approved Technology S-RJ01-C Datasheet HTML 3Page - ATGBICS by Approved Technology S-RJ01-C Datasheet HTML 4Page - ATGBICS by Approved Technology S-RJ01-C Datasheet HTML 5Page - ATGBICS by Approved Technology S-RJ01-C Datasheet HTML 6Page - ATGBICS by Approved Technology S-RJ01-C Datasheet HTML 7Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_S-RJ01-C_V1
Page 1 of 7
Product Datasheet
S-RJ01-C
MikroTik® Compatible 10/100/1000Base-T SFP Copper
Transceiver
Hot Pluggable, 1.25Gb/s, Cat-5 UTP Cable, 100m
FEATURES
• Up to 1.25Gb/s bi-directional data links
• 10/100/1000BASE-T auto negotiation
• Hot-pluggable SFP footprint
• Fully metallic enclosure for low EMI
• Low power dissipation
• Compact RJ-45 connector assembly
• Detailed product information in EEPROM
• +3.3V single power supply
• Access to physical layer IC via 2-wire serial bus
• 10/100/1000 BASE-T operation in host systems with SGMII interface
• Compliant with SFP MSA
• Compliant with IEEE Std 802.3TM-2002
• Compliant with FCC 47 CFR Part 15, Class B
• RoHS Compliant Products
APPLICATIONS
• 1.25 Gigabit Ethernet over Cat 5 cable
• Switch/Router to Switch/Router Link
• High speed I/O for file severs
DESCRIPTION
ATGBICS® Compatible
S-RJ01-C 10/100/1000BASE-T copper SFP transceiver is high-performance, cost-
effective module compliant with the Gigabit Ethernet and 10/100/1000BASE-T standards as specified in IEEE
802. 3-2002 and IEEE 802.3ab, which supporting 10/100/1000Mbps data- rate up to 100 meters reach over
unshielded twisted-pair category 5 cable. The S-RJ01-C supports 10/100/1000 Mbps full duplex datalinks
with 5-level Pulse Amplitude Modulation (PAM) signals. All four pairs in the cable are used with symbol rate
at 250Mbps on each pair. The S-RJ01-C provides standard serial ID information compliant with SFP MSA,
which can be accessed with address of A0h via the 2-wire serial CMOS EEPROM protocol. The physical IC
can also be accessed via 2-wire serial bus at address ACh.


Similar Part No. - S-RJ01-C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S-R35 MICROSEMI-S-R35 Datasheet
148Kb / 2P
Silicon Power Rectifier
S-R35PF MICROSEMI-S-R35PF Datasheet
187Kb / 3P
Silicon Power Rectifier
logo
List of Unclassifed Man...
S-RA3-100CCU-S-1 ETC-S-RA3-100CCU-S-1 Datasheet
842Kb / 11P
SRX300 LINE OF FIREWALLS FOR THE BRANCH DATASHEET
June 2023
S-RA3-100CCU-S-3 ETC-S-RA3-100CCU-S-3 Datasheet
842Kb / 11P
SRX300 LINE OF FIREWALLS FOR THE BRANCH DATASHEET
June 2023
S-RA3-250CCU-S-1 ETC-S-RA3-250CCU-S-1 Datasheet
842Kb / 11P
SRX300 LINE OF FIREWALLS FOR THE BRANCH DATASHEET
June 2023
More results

Similar Description - S-RJ01-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFP-1000BASET-C ATGBICS-SFP-1000BASET-C Datasheet
195Kb / 7P
SFP-1000BaseT Huawei Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1000T-C ATGBICS-SFP-1000T-C Datasheet
195Kb / 7P
SFP-1000T ZyXEL Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-100M-COPPER-C ATGBICS-SFP-100M-COPPER-C Datasheet
195Kb / 7P
SFP-100M-COPPER Lantronix Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1G-T-C ATGBICS-SFP-1G-T-C Datasheet
185Kb / 7P
SFP-1G-T Arista Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-1GE-T-C ATGBICS-SFP-1GE-T-C Datasheet
195Kb / 7P
SFP-1GE-T Juniper Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-30-C ATGBICS-SFP-30-C Datasheet
195Kb / 7P
SFP-30 Rad Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-9G-C ATGBICS-SFP-9G-C Datasheet
195Kb / 7P
SFP-9G Rad Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-GE-RJ45-C ATGBICS-SFP-GE-RJ45-C Datasheet
195Kb / 7P
SFP-GE-RJ45 ZTE Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-GIG-T-C ATGBICS-SFP-GIG-T-C Datasheet
185Kb / 7P
SFP-GIG-T Alcatel Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFP-TX-C ATGBICS-SFP-TX-C Datasheet
185Kb / 7P
SFP-TX Citrix Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com