Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFCP201010K000TCR0.2FST Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VFCP201010K000TCR0.2FST
Description  Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFCP201010K000TCR0.2FST Datasheet(HTML) 2 Page - Vishay Siliconix

  VFCP201010K000TCR0.2FST Datasheet HTML 1Page - Vishay Siliconix VFCP201010K000TCR0.2FST Datasheet HTML 2Page - Vishay Siliconix VFCP201010K000TCR0.2FST Datasheet HTML 3Page - Vishay Siliconix VFCP201010K000TCR0.2FST Datasheet HTML 4Page - Vishay Siliconix VFCP201010K000TCR0.2FST Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For questions, contact foil@vishaypg.com
Vishay Foil Resistors
www.vishayfoilresistors.com
2
VFCP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Document No.: 63106
Revision: 04-Nov-2013
TABLE 1—TOLERANCE AND TCR VS.
RESISTANCE VALUE
Resistance
Value
(Ω)
Tolerance
(%)
Nominal TCR and Max. Spread
(–55°C to +125°C, +25°C Ref.)
(ppm/°C)
250 to 125k
±0.01%
±0.2 ±1.6
100 to <250
±0.02%
±0.2 ±1.6
50 to <100
±0.05%
±0.2 ±1.8
25 to <50
±0.1%
±0.2 ±2.8
10 to <25
±0.25%
±0.2 ±2.8
5 to <10
±0.5%
±0.2 ±7.8
FIGURE 1—POWER DERATING CURVE
100
75
50
25
0
–75 –50 –25
0
+25 +50 +75 +100 +125 +150 +175
Ambient Temperature (°C)
+70°C
–55°C
FIGURE 2—NOMINAL
RESISTANCE/TEMPERATURE CURVE
+500
+200
+100
0
–100
–200
–300
–500
Ambient Temperature (°C) and TCR Chord Slopes
for Different Temperature Ranges
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
–400
+300
+400
–55
–25
0
+25
+60 +75 +100 +125
Note
The TCR values for <100 Ω are influenced by the termination
composition and result in deviation from this curve.
FIGURE 3—TRIMMING TO VALUES
(conceptual illustration)
Mutual
Inductance
Reduction
due to Change
in Current
Direction
Current Path
Before Trimming
Foil shown in black, etched spaces in white
Interloop
Capacitance
Reduction
in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path After Trimming
Note
To acquire a precision resistance value, the Bulk Metal® Foil
chip is trimmed by selectively removing built-in “shorting bars.”
To increase the resistance in known increments, marked areas
are cut, producing progressively smaller increases in resistance.
This method reduces the effect of “hot spots” and improves the
long-term stability of the Vishay Foil resistors.
TABLE 2—MODEL SELECTION
Chip
Size
Rated Power
at +70°C
(mW)
Maximum
Voltage Rating
(≤√P
× R)
Resistance
Range
(Ω)
Max.
Weight
(mg)
0805
100 mW
28 V
5 to 8k
5.2
1206
250 mW
79 V
5 to 25k
10.3
1506
300 mW
95 V
5 to 30k
12
2010
400 mW
167 V
5 to 70k
25
2512
600 mW
220 V
5 to 125k
35
TABLE 3—LOAD-LIFE STABILITY
(+70°C for 2000 h)
Chip Size
MAXIMUM ∆R LIMITS
0805
±0.005% at 50 mW
±0.01% at 100 mW
1206
±0.005% at 150 mW
±0.01% at 250 mW
1506
±0.005% at 150 mW
±0.01% at 300 mW
2010
±0.005% at 200 mW
±0.01% at 400 mW
2512
±0.005% at 500 mW
±0.01% at 600 mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com