Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-10G-LR-RGD-C Datasheet(PDF) 4 Page - ATGBICS by Approved Technology

Part # SFP-10G-LR-RGD-C
Description  SFP-10G-LR-RGD Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM, Ind Temp)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

SFP-10G-LR-RGD-C Datasheet(HTML) 4 Page - ATGBICS by Approved Technology

  SFP-10G-LR-RGD-C Datasheet HTML 1Page - ATGBICS by Approved Technology SFP-10G-LR-RGD-C Datasheet HTML 2Page - ATGBICS by Approved Technology SFP-10G-LR-RGD-C Datasheet HTML 3Page - ATGBICS by Approved Technology SFP-10G-LR-RGD-C Datasheet HTML 4Page - ATGBICS by Approved Technology SFP-10G-LR-RGD-C Datasheet HTML 5Page - ATGBICS by Approved Technology SFP-10G-LR-RGD-C Datasheet HTML 6Page - ATGBICS by Approved Technology SFP-10G-LR-RGD-C Datasheet HTML 7Page - ATGBICS by Approved Technology SFP-10G-LR-RGD-C Datasheet HTML 8Page - ATGBICS by Approved Technology SFP-10G-LR-RGD-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_SFP-10G-LR-RGD-C_V1
Page 4 of 10
Product Datasheet
Timing Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
TX_Disable Assert Time
t_off
10
us
TX_Disable Negate Time
t_on
1
ms
Time to Initialize Include Reset of
TX_FAULT
t_int
300
ms
TX_FAULT from Fault to Assertion
t_fault
100
us
TX_Disable Time to Start Reset
t_reset
10
us
Receiver Loss of Signal Assert Time
TA,RX_LOS
100
us
Receiver Loss of Signal Deassert Time
Td,RX_LOS
100
us
Rate-Select Chage Time
t_ratesel
10
us
Serial ID Clock Time
t_serial-
clock
100
kHz
Pin Assignment
Diagram of Host Board Connector Block Pin Numbers and Name



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com