Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPP-SR-RUCKUS-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # SFPP-SR-RUCKUS-C
Description  SFPP-SR-RUCKUS Ruckus Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

SFPP-SR-RUCKUS-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  SFPP-SR-RUCKUS-C Datasheet HTML 1Page - ATGBICS by Approved Technology SFPP-SR-RUCKUS-C Datasheet HTML 2Page - ATGBICS by Approved Technology SFPP-SR-RUCKUS-C Datasheet HTML 3Page - ATGBICS by Approved Technology SFPP-SR-RUCKUS-C Datasheet HTML 4Page - ATGBICS by Approved Technology SFPP-SR-RUCKUS-C Datasheet HTML 5Page - ATGBICS by Approved Technology SFPP-SR-RUCKUS-C Datasheet HTML 6Page - ATGBICS by Approved Technology SFPP-SR-RUCKUS-C Datasheet HTML 7Page - ATGBICS by Approved Technology SFPP-SR-RUCKUS-C Datasheet HTML 8Page - ATGBICS by Approved Technology SFPP-SR-RUCKUS-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_SFPP-SR-RUCKUS-C_V1
Page 1 of 10
Product Datasheet
SFPP-SR-RUCKUS-C
Ruckus® Compatible 10Gb/s SFP+ SR Transceiver
Hot Pluggable, Duplex LC, +3.3V, 850nm, VCSEL MMF 300m DDM
FEATURES
• Supports 9.95 to 11.3Gb/s bit rates
• Hot-Pluggable
• Duplex LC connector
• 850nm VCSEL transmitter, PIN photodetector
• MMF links up to 300m @ OM3 and 400m @ OM4
• 2-wire interface for management specifications compliant with SFF 8472 digital diagnostic
monitoring interface
• Power Supply: +3.3V
• Power consumption<1W
• Temperature Range: 0 ~ 70°C
• RoHS compliant
APPLICATIONS
• 10GBASE-SR/SW Ethernet
• SONET OC-192 / SDH
• 10G Fibre Channel
DESCRIPTION
ATGBICS® Compatible SFPP-SR-RUCKUS-C Transceiver is a very compact 10Gb/s optical transceiver
module for serial optical communication applications at 10Gb/s. The SFPP-SR-RUCKUS-C converts a
10Gb/s serial electrical data stream to 10Gb/s optical output signal and a 10Gb/s optical input signal to
10Gb/s serial electrical data streams. The high speed 10Gb/s electrical interface is fully compliant with SFI
specification.
The high performance 850nm VCSEL transmitter and high sensitivity PIN receiver provide superior
performance for Ethernet applications at up to 300m links.
The SFP+ Module is compliant with SFF-8431, SFF-8432 and IEEE 802.3ae 10GBASE-SR. Digital
diagnostics functions are available via a 2-wire serial interface, as specified in SFF-8472.
The fully SFP compliant form factor provides hot pluggability, easy optical port upgrades and low EMI
emission.


Similar Part No. - SFPP-SR-RUCKUS-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFPP-SR-C ATGBICS-SFPP-SR-C Datasheet
375Kb / 10P
SFPP-SR Fujitsu Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - SFPP-SR-RUCKUS-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
10G-SFPP-SR-C ATGBICS-10G-SFPP-SR-C Datasheet
375Kb / 10P
10G-SFPP-SR Brocade Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
10GB-SR-SFPP-C ATGBICS-10GB-SR-SFPP-C Datasheet
375Kb / 10P
10GB-SR-SFPP Enterasys Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
ET5402-SR-C ATGBICS-ET5402-SR-C Datasheet
375Kb / 10P
ET5402-SR Edgecore Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFM10G-SR-C ATGBICS-SFM10G-SR-C Datasheet
375Kb / 10P
SFM10G-SR Solarflare Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP+KT-SR-C ATGBICS-SFP+KT-SR-C Datasheet
375Kb / 10P
SFPKT-SR NetOptics Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP10G-SR-C ATGBICS-SFP10G-SR-C Datasheet
375Kb / 10P
SFP10G-SR ZyXEL Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFPP-10G-SR-C ATGBICS-SFPP-10G-SR-C Datasheet
375Kb / 10P
SFPP-10G-SR Napatech Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFPP-10GE-SR-C ATGBICS-SFPP-10GE-SR-C Datasheet
375Kb / 10P
SFPP-10GE-SR Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFPP-SR-C ATGBICS-SFPP-SR-C Datasheet
375Kb / 10P
SFPP-SR Fujitsu Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SRX-SFPP-10G-SR-ET-C ATGBICS-SRX-SFPP-10G-SR-ET-C Datasheet
376Kb / 10P
SRX-SFPP-10G-SR-ET Juniper Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com