Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X6581-R6-C Datasheet(PDF) 3 Page - ATGBICS by Approved Technology

Part # X6581-R6-C
Description  X6581-R6 NetApp Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

X6581-R6-C Datasheet(HTML) 3 Page - ATGBICS by Approved Technology

  X6581-R6-C Datasheet HTML 1Page - ATGBICS by Approved Technology X6581-R6-C Datasheet HTML 2Page - ATGBICS by Approved Technology X6581-R6-C Datasheet HTML 3Page - ATGBICS by Approved Technology X6581-R6-C Datasheet HTML 4Page - ATGBICS by Approved Technology X6581-R6-C Datasheet HTML 5Page - ATGBICS by Approved Technology X6581-R6-C Datasheet HTML 6Page - ATGBICS by Approved Technology X6581-R6-C Datasheet HTML 7Page - ATGBICS by Approved Technology X6581-R6-C Datasheet HTML 8Page - ATGBICS by Approved Technology X6581-R6-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_X6581-R6-C_V1
Page 3 of
10
Product Datasheet
Optical Parameters (TOP = 0 to 70°C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter Section:
Center Wavelength
λt
1290
1310
1330
nm
spectral width
△λ
1
nm
Average Optical Power
Pavg
-8.2
0.5
dBm
1
Optical Power OMA
Poma
-5.2
dBm
Laser Off Power
Poff
-30
dBm
Extinction Ratio
ER
3.5
dB
Transmitter
Dispersion
Penalty
TDP
3.2
dB
2
Relative Intensity Noise
Rin
-128
dB/Hz
3
Optical
Return
Loss
Tolerance
20
dB
Receiver Section:
Center Wavelength
λr
1260
1355
nm
Receiver Sensitivity
Sen
-14.5
dBm
4
Stressed Sensitivity (OMA)
SenST
-10.3
dBm
4
Los Assert
LOSA
-25
-
dBm
Los Dessert
LOSD
-15
dBm
Los Hysteresis
LOSH
0.5
dB
Overload
Sat
0
dBm
5
Receiver Reflectance
Rrx
-12
dB
Notes:
1. Average power figures are informative only, per IEEE802.3ae.
2. TWDP figure requires the host board to be SFF-8431compliant. TWDP is calculated using the
Matlab code provided in clause 68.6.6.2 of IEEE802.3ae.
3. 12dB reflection.
4. Conditions of stressed receiver tests per IEEE802.3ae. CSRS testing requires the host board to be
SFF-8431 compliant.
5. Receiver overload specified in OMA and under the worst comprehensive stressed condition.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com