Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

134458 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 134458
Description  Tough on the Outside. Smart on the Inside.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

134458 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  134458 Datasheet HTML 1Page - List of Unclassifed Manufacturers 134458 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tough on the Outside.
Smart on the Inside.
www.bradyeurope.com/bmp21plus
www.bradyeurope.com/bmp21plus
Once you experience the BMP™21-PLUS Label Printer’s
unstoppable labelling power, you’re not going to want to
share. It combines a tough exterior with smart printing
capabilities for wires, cables and flat surfaces.
■
Drop-lock-and-print cartridges
■
Super rugged with moulded rubber bumpers
■
Rechargeable lithium-ion battery
■
7 durable continuous materials with widths from 6 to 38.10 mm
■
Automatic label formatting for wire wraps, terminal blocks, patch panels
and cable flags and general banner labels
■
104 symbols for electric, smart home, safety and datacom
■
Label grabber, printer holds label after cutting
■
Standard 2 year warranty
Art. No.
Description
134458
BMP21-PLUS Printer Kit EU
134459
BMP21-PLUS Printer Kit UK
134460
BMP21-PLUS Printer Kit US
134461
BMP21-PLUS Printer Kit RUSS
Starter kit contains: Printer + Hard Case + Li-ion Battery +
Power Cord + Lanyard + Quick Start Guide + M21-750-499
BMP™21-PLUS Application Kits
Art. No.
Description
134462
BMP21-PLUS Electrical Printer Kit EU
134471
BMP21-PLUS Electrical Printer Kit Russ
134463
BMP21-PLUS Electrical Printer Kit UK
134464
BMP21-PLUS Electrical Printer Kit US
134468
BMP21-PLUS TeleDatacom Printer Kit EU
134472
BMP21-PLUS TeleDatacom Printer Kit Russ
134469
BMP21-PLUS TeleDatacom Printer Kit UK
134470
BMP21-PLUS TeleDatacom Printer Kit US
Electrical Kit contains: BMP21-PLUS Printer + Hard Case + Li-ion Battery + Quick Start
Guide + Power Cord + Lanyard + M21-750-499, M21-1000-427 and M21-750-595-YL
Tele/Datacom Kit contains: BMP21-PLUS Printer + Hard Case + Li-ion Battery + Quick Start
Guide + Power Cord + Lanyard + M21-750-499, M21-1250-427 and M21-250-423
BMP™21-PLUS Accessories
Art. No.
Description
110416
AC Adaptor - Europe 220V
110417
AC Adaptor - UK 240V
110937
AC Adaptor - US 110V
139542
BMP21, BMP21-PLUS, BMP21-LAB Hard Case
139540
BMP21-PLUS Li-ion battery Pack
110891
Magnet Only Accessory
110892
Multi-functional Accessory
Magnet & Multi-function Tools: Heavy-duty magnet affixes printer to metal surface for hands-free
printing. The Multi-function tool has the magnet plus a flashlight and retractable printer stand.
Polyester Strips for Component Marking
■
High performance polyester material
with white and transparent finish
■
Best for flat, smooth surfaces
■
B-488 withstands numerous solvents
and variable temperatures
Order Ref.
Colour
Width (mm)
Length (m)
B-423: Polyester
M21-250-423
Black on White
6.35
6.40
M21-375-423
Black on White
9.53
6.40
M21-500-423
Black on White
12.70
6.40
M21-750-423
Black on White
19.05
6.40
B-430: Polyester
M21-250-430-WT-CL
White on Clear
6.35
6.40
M21-250-430
Black on Clear
6.35
6.40
M21-375-430
Black on Clear
9.53
6.40
M21-375-430-WT-CL
White on Clear
9.53
6.40
M21-500-430
Black on Clear
12.70
6.40
M21-500-430-WT-CL
White on Clear
12.70
6.40
M21-750-430
Black on Clear
19.05
6.40
M21-750-430-WT-CL
White on Clear
19.05
6.40
B-488: Polyester
M21-375-488
Black on White
9.53
6.40
M21-500-488
Black on White
12.70
6.40
M21-750-488
Black on White
19.05
6.40
Nylon Strips for Terminal Block Marking
■
Narrow nylon cloth label strips for
alignment on terminal blocks
■
Prints terminal identification with
user specified spacing using
terminal block mode
Order Ref.
Colour
Width (mm)
Length (m)
B-499: Nylon Cloth
M21-375-499-TB
Black on White
9.53
4.90
M21-500-499-TB
Black on White
12.70
4.90
Nylon and Vinyl Strips for Patch Panel Marking
■
Prints permanent port identification
with user specified spacing when
using patch panel mode
■
B-499 (Nylon Cloth) or B-595
(Indoor/Outdoor Vinyl) label
materials can be used if surface is
highly textured
Indoor/Outdoor Vinyl for
General Industrial Marking
■
Adheres to irregular, rough and curved surfaces
■
Stands up to grease, oil and most industrial chemicals
■
8-10 years* average outdoor durability in temps from
-40°C to 82°C
Order Ref.
Colour
Width (mm)
Length (m)
B-595: Vinyl
M21-375-595-GY
Black on Grey
9.53
6.40
M21-500-595-GY
Black on Grey
12.70
6.40
M21-750-595-GY
Black on Grey
19.05
6.40
M21-375-595-OR
Black on Orange
9.53
6.40
M21-500-595-OR
Black on Orange
12.70
6.40
M21-750-595-OR
Black on Orange
19.05
6.40
M21-250-595-WT
Black on White
6.35
6.40
M21-375-595-WT
Black on White
9.53
6.40
M21-500-595-WT
Black on White
12.70
6.40
M21-750-595-WT
Black on White
19.05
6.40
M21-250-595-YL
Black on Yellow
6.35
6.40
M21-375-595-YL
Black on Yellow
9.53
6.40
M21-500-595-YL
Black on Yellow
12.70
6.40
M21-750-595-YL
Black on Yellow
19.05
6.40
M21-375-595-BK
White on Black
9.53
6.40
M21-500-595-BK
White on Black
12.70
6.40
M21-750-595-BK
White on Black
19.05
6.40
M21-375-595-BL
White on Blue
9.53
6.40
M21-500-595-BL
White on Blue
12.70
6.40
M21-750-595-BL
White on Blue
19.05
6.40
M21-375-595-BR
White on Brown
9.53
6.40
M21-500-595-BR
White on Brown
12.70
6.40
M21-750-595-BR
White on Brown
19.05
6.40
M21-375-595-GN
White on Green
9.53
6.40
M21-500-595-GN
White on Green
12.70
6.40
M21-750-595-GN
White on Green
19.05
6.40
M21-375-595-PL
White on Purple
9.53
6.40
M21-500-595-PL
White on Purple
12.70
6.40
M21-750-595-PL
White on Purple
19.05
6.40
M21-375-595-RD
White on Red
9.53
6.40
M21-500-595-RD
White on Red
12.70
6.40
M21-750-595-RD
White on Red
19.05
6.40
* Average expected outdoor life of product will depend on user definition of failure,
climatic conditions, mounting techniques and material colour. The 8 to 10 year
outdoor durability applies to the vinyl label stock only; ribbon durability will vary.
A polyester overlaminate is recommended for harsh environments - long term
exposure to wind and rain.
The breaker box labelling feature allows you to create effortless
and clear identification for your distribution box, even when there
are multiple modules of various widths.
BMP™21-PLUS Starter Kit
BMP™21-PLUS Label Printer
Art. No.
Description
139535
BMP21-PLUS Printer Blister Pack
139779
BMP21-PLUS Russian Printer Blister Pack
Blister package contains: Printer + Lanyard +
Quick Start Guide + M21-750-499



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com