Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMAPHEVB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMAPHEVB
Description  MCU and SoC Products
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMAPHEVB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMAPHEVB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MCU and SoC Products
Overview
Apollo
Apollo2
Apollo4
Apollo2 Blue
Apollo3 Blue
Apollo3 Blue Plus
Apollo4 Blue
MCU Frequency
24 MHz
48 MHz
96 MHz
192 MHz TurboSPOT
48 MHz
48 MHz
96 MHz TurboSPOT
48 MHz
96 MHz TurboSPOT
96 MHz
192 MHz TurboSPOT
MCU
32-bit Arm
Cortex-M4F
32-bit Arm
Cortex-M4F
32-bit Arm
Cortex-M4F, DMA
32-bit Arm
Cortex-M4F
Dedicated BLE Core
32-bit Arm
Cortex-M4F, DMA,
Arm Cortex-M0 for
BLE
32-bit Arm
Cortex-M4F, DMA
Arm Cortex-M0 for
BLE
32-bit Arm
Cortex-M4F, DMA,
Arm Cortex-M0 for
BLE
MCU Power Efficiency
34 µA/MHz
10 µA/MHz
< 3 µA Deep Sleep
Mode
< 3 μA/MHz
10 µA/MHz
< 3 µA Deep Sleep
Mode
< 6 μA/MHz
< 1 μA Deep Sleep
Mode
< 6 μA/MHz
< 1 μA Deep Sleep
Mode
< 3 μA/MHz
NVM
512KB Flash
1MB Flash
2MB MRAM
1MB Flash
1MB Flash
2MB Flash
2MB MRAM
SRAM
64KB
256KB
1.8MB
256KB
384KB
768KB
1.8MB
Voltage
2.2-3.8 V
1.755-3.63 V
1.71-2.2 V
1.755-3.63 V
1.755-3.63 V
1.755-3.63 V
1.71-2.2 V
ADC
10-bit, 13-channel,
up to 800 kSps
Sampling Rate ADC
14-bit, 15-channel,
up to 2.67 MS/s
Sampling Rate ADC
12-bit, 11-channel,
up to 2.8 MS/s
Sampling Rate ADC
14-bit, 15-channel,
up to 2.67 MS/s
Sampling Rate ADC
14-bit, 15-channel,
up to 2.67 MS/s
Sampling Rate ADC
14-bit, 15-channel,
up to 2.67 MS/s
Sampling Rate ADC
12-bit, 11-channel,
up to 2.8 MS/s
Sampling Rate ADC
UART
1
2
4
2
2
2
4
I/O
I2C/SPI master (2x)
I2C/SPI slave
I2C/SPI master (6x)
I2C/SPI slave
I2C/SPI master (8x)
I2C/SPI slave
USB FS/HS
SDIO v3.0/1x eMMC
I2C/SPI master (4x)
I2C/SPI slave
I2C/SPI master (6x)
I2C/SPI slave
I2C/SPI master (6x)
I2C/SPI slave
I2C/SPI master (7x)
I2C/SPI slave
USB FS/HS
SDIO v3.0/1x eMMC
MSPI
-
-
Dual/Quad/Octal-SPI
Master (3x)
96 MHz SDR
48 MHz DDR
-
Dual/Quad/Octal-SPI
Master
48 MHz SDR
ISO7816 Master
Dual/Quad/Octal-SPI
Master (3x) 48 MHz
SDR
ISO7816 Master
Dual/Quad/Octal-SPI
Master (3x)
96 MHz SDR
48 MHz DDR
I2S
-
I2S slave for PDM
Audio Pass-through
I2S master/slave (2x)
full-duplex with
ASRC
I2S slave for PDM
Audio Pass-through
I2S slave for PDM
Audio Pass-through
I2S slave for PDM
Audio Pass-through
I2S master/slave (2x)
full-duplex with
ASRC
Audio
-
Dual Interface PDM
for Mono and Stereo
Audio Microphones
4x Stereo Digital
Microphones
2x LP Analog
Microphone with
PGA
Dual Interface PDM
for Mono and Stereo
Audio Microphones
Dual Interface PDM
for Mono and Stereo
Audio Microphones
Dual Interface PDM
for Mono and Stereo
Audio Microphones
4x Stereo Digital
Microphones
2x LP Analog
Microphone with
PGA
Display
-
-
SPI 3-wire/4-wire
Dual/QuadSPIMIPI
DSI x2
4-layer Display
Controller
-
SPI 3-wire/4-wire
SPI 3-wire/4-wire
Dual/QuadSPI
SPI 3-wire/4-wire
Dual/QuadSPI
MIPI DSI x2
4-layer Display
Controller
Graphics
-
-
2D/2.5D GPU
-
-
-
2D/2.5D GPU
Security
-
-
SecureSPOT 2.0
AES 128-bit
Encryption
SecureSPOT
SecureSPOT
SecureSPOT 2.0
Connectivity
-
-
-
BLE 5
BLE 5
BLE 5
BLE 5
RF Sensitivity
-
-
-
-95 dBm
-94 dBm
-94 dBm
-97 dBm
Rx Current
-
-
-
3.5 mA
3 mA
3 mA
3 mA
Tx Current
-
-
-
5 mA @ 0 dBm
3 mA @ 0 dBm
3 mA @ 0 dBm
3 mA @ 0 dBm
Tx Output Power
-
-
-20 dBm to +6.8
dBm
-40 dBm to +5 dBm
-20 dBm to +4 dBm
-20 dBm to +4 dBm
-20 dBm to +6.8
dBm
Packages
• 4.5 mm x 4.5 mm,
64-pin BGA with 50
GPIO
• 2.49 mm x 2.90
mm, 41-pin WLCSP
with 27 GPIO
• 4.5 mm x 4.5 mm,
64-pin BGA with 50
GPIO
• 2.5 mm x 2.5 mm,
49-pin WLCSP with
34 GPIO
• 2.5 mm x 2.5 mm,
49-pin WLCSP with
300um with backside
coating (Thin)
• 5 mm x 5 mm,
146-pin BGA with
105 GPIO
• 3.9 mm x 3.9 mm,
121-pin WLCSP with
82 GPIO
4 mm x 4 mm x
0.9mm, 64-pin LGA
with up to 31 GPIO
• 4.5 mm x 4.5 mm,
81-pin BGA with 50
GPIO
• 3.25 mm x 3.37
mm, 66-pin WLCSP
with 37 GPIO
• 3.25 mm x 3.37
mm, 66-pin WLCSP
300um with
backside coating
(Thin)
5.3 mm x 5.3 mm x
0.8 mm, 108-pin
BGA with 74 GPIO
4.7 mm x 4.7 mm,
131-pin SiP BGA
with 81 GPIO
Ordering Information
• APOLLO512-KBR
( BGA)
• APOLLO512-KCR
( WLCSP)
• AMAP1EVB (EVB)
• AMAPH1KK-KBR
(BGA)
• AMAPH1KK-KCR
(WLCSP)
• AMAPH1KK-KCR-
TB (Thin)
• AMAPHEVB (EVB)
• AMAP42KK-KBR
(BGA)
• AMAP42KK-KCR
(WLCSP)
• AMA2B1KK-KLR
• AMA2BEVB (EVB)
• AMA3B1KK-KBR-
B0 (BGA)
• AMA3B1KK-KCR-
B0 (WLCSP)
• AMAP31KK-KCR
(WLCSP, non-BLE)
• AMA3B1KK-KCR-
TB (Thin)
• AMA3BEVB (EVB)
• AMA3B2KK-KBR
• AMA3B2EVB (EVB)
AMA4B2KK-KBR


Similar Part No. - AMAPHEVB

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
AMA-242 FOTEK-AMA-242 Datasheet
643Kb / 2P
Digital meter
AMA-24T FOTEK-AMA-24T Datasheet
643Kb / 2P
Digital meter
AMA-24T-MV-RS-24V FOTEK-AMA-24T-MV-RS-24V Datasheet
643Kb / 2P
Digital meter
AMA-252 FOTEK-AMA-252 Datasheet
643Kb / 2P
Digital meter
AMA-25T FOTEK-AMA-25T Datasheet
643Kb / 2P
Digital meter
More results

Similar Description - AMAPHEVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
logo
fujitsu semiconductor
MB91590 FUJITSU-MB91590 Datasheet
1Mb / 2P
32-bit MCU with Integrated Graphics Controller SoC
logo
Altera Corporation
DK-DEV-5CSXC6N-ES ALTERA-DK-DEV-5CSXC6N-ES Datasheet
323Kb / 3P
Cyclone V SoC Development Kit and SoC Embedded Design Suite
logo
Texas Instruments
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
logo
Microsemi Corporation
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
FPGA and SoC Product Catalog
logo
Cypress Semiconductor
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
logo
Holtek Semiconductor In...
BC68F2123 HOLTEK-BC68F2123 Datasheet
6Mb / 117P
Sub-1GHz OOK/FSK TX Soc 1K Flash MCU
BC68F2420BC68F2420 HOLTEK-BC68F2420BC68F2420 Datasheet
5Mb / 116P
315/433MHz RF Super-regenerative Receiver SoC Flash MCU
BC66F2430 HOLTEK-BC66F2430 Datasheet
6Mb / 136P
315/433MHz RF Super-Regenerative Receiver SoC A/D Flash MCU
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
315/433MHz RF Super-regenerative Receiver SoC Flash MCU
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com