Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFCS30 Datasheet(PDF) 3 Page - COSEL CO., LTD.

Part # SFCS30
Description  DC-DC Converters PCB Mount Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SFCS30 Datasheet(HTML) 3 Page - COSEL CO., LTD.

  SFCS30 Datasheet HTML 1Page - COSEL CO., LTD. SFCS30 Datasheet HTML 2Page - COSEL CO., LTD. SFCS30 Datasheet HTML 3Page - COSEL CO., LTD. SFCS30 Datasheet HTML 4Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SFS/SFCS-12
MODEL
SFCS30243R3 SFCS302405 SFCS302412 SFCS302415 SFCS30483R3 SFCS304805 SFCS304812 SFCS304815
MAX OUTPUTWATTAGE[W]
29.7
30.0
30.0
30.0
29.7
30.0
30.0
30.0
DC OUTPUT
3.3V9A5V6A
12V 2.5A
15V 2A
3.3V 9A
5V 6A
12V 2.5A
15V 2A
SPECIFICATIONS
MODEL
SFCS30243R3 SFCS302405 SFCS302412 SFCS302415 SFCS30483R3 SFCS304805 SFCS304812 SFCS304815
INPUT
VOLTAGE[V]
DC18- 36
DC36 -76
CURRENT[A]
*1
1.36typ
1.36typ
1.36typ
1.39typ
0.67typ
0.68typ
0.68typ
0.68typ
EFFICIENCY[%]
*1
91typ
92typ
92typ
90typ
92typ
92.5typ
92typ
92typ
START-UP VOLTAGE[V]
DC16- 18
HYSTERESISVOLTAGE[V] DC1 min
DC32 -36
DC2 min
OUTPUT
VOLTAGE[V]
3.3
51215
3.3
51215
CURRENT[A]
96
2.5
2
96
2.5
2
VOLTAGE ACCURACY[%] +5, -3
RIPPLE[mVp-p]
25max
120max
RIPPLE NOISE[mVp-p]
50max
150max
120max
150max
25max
50max
START-UP TIME[ms]
20- 200max (DCIN 24V, Io=100%)
20 - 200max (DCIN 48V, Io=100%)
OUTPUTVOLTAGE SETTING *1 t1% of rated outputvoltage
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Worksover 103%ofrating
OVERVOLTAGEPROTECTION Worksat 120- 140%ofrating
LOWVOLTAGE PROTECTION Worksat 90% maxofrating
REMOTEON/OFF
Provided(RC open: ON, short betweenRC and +Vin : OFF)
ISOLATION
INPUT-OUTPUT
DC1,000V or AC500V1minute, Cutoff current = 100mA, DC500V 50M
INPUT-CASE
DC500V or AC500V 1minute, Cutoff current = 10mA, DC500V 50M
OUTPUT-CASE
DC500V or AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
W min (20t15C)
W min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.ANDALTITUDE -40 to +85C, 20- 95%RH (Non condensing), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.ANDALTITUDE -40 to +100C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max (SMD:Refer to the Instruction Manual)
VIBRATION
10- 55Hz, 49.0m/s2 (5G), 3minutes period, 60minutes each alongX, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once eachX, Yand Z axis
SAFETY
AGENCY APPROVALS
OTHERS
CASE SIZE/WEIGHT
39.3X8.8X33.5mm [1.55X0.347X1.32 inches] (WXHXD) /25g max
COOLINGMETHOD
Convection / Forced air
UL60950-1, C-UL (CSA60950-1), EN60950-1
*1 At rated input(DC24V, DC48V), rated load and 25C
SFCS30
DC-DC Converters PCB Mount Type
SFC
S
30
24
3R3
C
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
24:DC18 - 36V
48:DC36 - 76V
5Output voltage
6Mounting type
B :SMD
C :DIP
R
1
2
3
4
5
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com